Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG91 Datasheet(PDF) 3 Page - Quectel Wireless Solutions Co., Ltd.

Part # EG91
Description  IoT/M2M-optimized LTE Cat 1 Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EG91 Datasheet(HTML) 3 Page - Quectel Wireless Solutions Co., Ltd.

  EG91 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Quectel EG91 Series
Notes:
1. * means under development.
2. ● means supported.
Copyright
© 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
LTE Cat 1
EG91-NA
EG91-NS
EG91-VX
EG91-NAX
EG91-E
EG91-EX
Drivers
USB Serial Driver
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
GNSS/RIL Driver
Android 4.x~ 9.x
Android 4.x~ 9.x
Android 4.x~ 9.x
Android 4.x~ 9.x
Android 4.x~ 9.x
Android 4.x~ 9.x
NDIS Driver
Windows 7/ 8/ 8.1/ 10
Windows 7/ 8/ 8.1/ 10
Windows 7/ 8/ 8.1/ 10
Windows 7/ 8/ 8.1/ 10
Windows 7/ 8/ 8.1/ 10
Windows 7/ 8/ 8.1/ 10
MBIM Driver
Windows 8/8.1/10,
Linux 3.18~5.4
Windows 8/8.1/10,
Linux 3.18~5.4
\
\
Windows 8/8.1/10,
Linux 3.18~5.4
\
GobiNet Driver
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
QMI_WWAN Driver
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Electrical Features
Supply Voltage Range
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
Power Consumption
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
13μA @Power off
2.6mA @Sleep, Typ.
29mA @Idle
Notes:
1. * means under development/on-going.
2. ● means supported.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com