Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG91 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EG91
Description  IoT/M2M-optimized LTE Cat 1 Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EG91 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EG91 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Quectel EG91 Series
Copyright
© 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
LTE Cat 1
EG91-NA
EG91-NS
EG91-VX
EG91-NAX
EG91-E
EG91-EX
Region/Operator
North America
North America
North America
North America
EMEA
EMEA
Dimensions (mm)
29.0 × 25.0 × 2.3
29.0 × 25.0 × 2.3
29.0 × 25.0 × 2.3
29.0 × 25.0 × 2.3
29.0 × 25.0 × 2.3
29.0 × 25.0 × 2.3
Temperature Range
Operation Temperature
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
Extended Temperature
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
Frequency Bands
LTE FDD
B2/B4/B5/B12/B13
B2/B4/B5/B12/B13/B25/
B26
B4/B13
B2/B4/B5/B12/B13/B25/
B26
B1/B3/B7/B8/B20/B28A
B1/B3/B7/B8/B20/B28
WCDMA
B2/B4/B5
B2/B4/B5
\
B2/B4/B5
B1/B8
B1/B8
GSM/EDGE
\
\
\
\
B3/B8
B3/B8
GNSS (Optional)
GPS/GLONASS/BeiDou
/Galileo/QZSS
GPS/GLONASS/BeiDou
/Galileo/QZSS
GPS/GLONASS/BeiDou
/Galileo/QZSS
GPS/GLONASS/BeiDou
/Galileo/QZSS
\
GPS/GLONASS/BeiDou
/Galileo/QZSS
Certifications
Carrier
North America:
Verizon/AT&T/ T-Mobile/
U.S. Cellular
Canada: Rogers/Telus
North America:
Verizon/AT&T/ Sprint/
T-Mobile*
North America:
Verizon*
North America:
Verizon*/AT&T*/
T-Mobile*/ Sprint*/
U.S. Cellular*
Europe:
Deutsche Telekom
\
Regulatory
Global: GCF
North America:
FCC/ PTCRB
Canada: IC
Global: GCF
North America:
FCC/ PTCRB
Canada: IC
Global: GCF
North America: FCC
Global: GCF*
North America:
FCC*/ PTCRB*
Canada: IC*
Global: GCF
Europe: CE
Brazil: Anatel*
Australia & New Zealand:
RCM
Russia: FAC
Global: GCF*
Europe: CE
Australia & New Zealand:
RCM
Others
WHQL/ RoHS
WHQL/ RoHS
WHQL/ RoHS
WHQL/ RoHS
WHQL/ RoHS
WHQL/ RoHS
Data Transmission
LTE FDD Data Rate (Mbps)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
DC-HSPA+ Data Rate (Mbps)
42 (DL)/ 5.76 (UL)
42 (DL)/ 5.76 (UL)
42 (DL)/ 5.76 (UL)
42 (DL)/ 5.76 (UL)
42 (DL)/ 5.76 (UL)
WCDMA Data Rate (Kbps)
384 (DL)/ 384 (UL)
384 (DL)/ 384 (UL)
384 (DL)/ 384 (UL)
384 (DL)/ 384 (UL)
384 (DL)/ 384 (UL)
EDGE Data Rate (Kbps)
\
\
\
\
296 (DL)/236.8 (UL)
296 (DL)/236.8 (UL)
GPRS Data Rate (Kbps)
\
\
\
\
107 (DL)/85.6 (UL)
107 (DL)/85.6 (UL)
Interfaces
(U)SIM
x2
x2
x2
x2
x2
x2
UART
x2
x2
x2
x2
x2
x2
USB 2.0
x1
x1
x1
x1
x1
x1
Audio Digital (PCM)
X1
x1
x1
x1
x1
x1
I2C
x1
x1
x1
x1
x1
x1
NETLIGHT
x1
x1
x1
x1
x1
x1
SPI
x1
x1
x1
x1
x1
x1
Main Antenna
x1
x1
x1
x1
x1
x1
Rx-Diversity Antenna
x1
x1
x1
x1
x1
x1
GNSS Antenna
x1
x1
X1
x1
\
x1
PWRKEY
x1
x1
x1
x1
x1
x1
RESET_N
x1
x1
x1
x1
x1
x1
USB_BOOT
x1
x1
x1
x1
x1
x1
Voice
Speech Codec Modes
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
VoLTE (Optional)
Digital Audio and VoLTE
(Voice over LTE)
Digital Audio and VoLTE
(Voice over LTE)
Digital Audio and VoLTE
(Voice over LTE)
Digital Audio and VoLTE
(Voice over LTE)
Digital Audio and VoLTE
(Voice over LTE)
Digital Audio and VoLTE
(Voice over LTE)
Enhanced Features
eCall*
\
\
\
\
●
●
DTMF
●
●
●
●
●
●
DFOTA
●
●
●
●
●
●
QMI/ RmNet
●
●
●
●
●
●
Audio Playback/
Audio Recording*
Optional
Optional
Optional
Optional
Optional
Optional
QuecLocator®
●
●
●
●
●
●
QuecFile
●
●
●
●
●
●
(U)SIM Card Detection
●
●
●
●
●
●



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com