Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG91 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EG91
Description  IoT/M2M-optimized LTE Cat 1 Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EG91 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EG91 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EG91 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quectel EG91 is a series of LTE category 1 modules optimized specially for M2M and IoT applications. Adopting 3GPP Rel. 11
LTE technology, it delivers maximum data rates up to 10Mbps downlink and 5Mbps uplink. These make EG91 an ideal solution
for numerous IoT applications that are not reliant on high speed connectivity but require the longevity and reliability of LTE
network.
EG91 contains 6 variants: EG91-E, EG91-EX, EG91-NA, EG91-NS, EG91-VX and EG91-NAX. EG91 is pin-to-pin compatible with
Quectel UMTS/HSPA+ module UG95/UG96 and LPWA module BG95/BG96. And it is backward-compatible with existing GSM/
GPRS and UMTS/HSPA+ networks, ensuring that it can be connected even in remote areas devoid of 4G network coverage.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB serial drivers for Windows
7/8/10, Linux and Android, etc.) extend the applicability of the module to a wide range of M2M and IoT applications such as
smart metering, wearable devices, environmental monitoring, asset tracking, fleet management, security and alarm systems
and so on.
Rev.: V1.9 | Status: Released
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Quectel EG91 Series
IoT/M2M-optimized
LTE Cat 1 Modules
25.0mm
2.3mm
Key
Benefits
Cost-effective and low-power LTE connectivity optimized for
broadband IoT applications
Multi-band LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
Compact SMT form factor ideal for size-constrained applications
with extended operation temperature range
Embedded power management unit (PMU) featuring ultra-low
deep-sleep current consumption
Simple migration from 2G/3G to 4G with a flexible and scalable
platform
LTE Cat 1
Max 10Mbps (DL)
Max 5Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
LGA Package
Embedded Abundant
Protocols
eCall*
USB 2.0 High Speed
Interface
USB Drivers
Quectel Enhanced
AT Commands
Compact Size


Similar Part No. - EG91

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EG915U QUECTEL-EG915U Datasheet
1Mb / 91P
LTE Standard Module Series
Version: 1.0 Date: 2022-01-05
More results

Similar Description - EG91

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
IoT/M2M-optimized LTE Cat 4 M.2 Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com