Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10226/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD10226/PCB
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10226/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD10226/PCB Datasheet HTML 4Page - Analog Devices AD10226/PCB Datasheet HTML 5Page - Analog Devices AD10226/PCB Datasheet HTML 6Page - Analog Devices AD10226/PCB Datasheet HTML 7Page - Analog Devices AD10226/PCB Datasheet HTML 8Page - Analog Devices AD10226/PCB Datasheet HTML 9Page - Analog Devices AD10226/PCB Datasheet HTML 10Page - Analog Devices AD10226/PCB Datasheet HTML 11Page - Analog Devices AD10226/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD10226
–8–
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 10.3MHz (–1dBFS)
SNR = 68.19dBFS
SFDR = 85.13dBFS
55
60
TPC 1. Single Tone @ 10.3 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
303540
45
50
ENCODE = 125MSPS
AIN = 49MHz (–1dBFS)
SNR = 67.12dBFS
SFDR = 83.09dBFS
55
60
TPC 2. Single Tone @ 49 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
3035
40
45
50
ENCODE = 125MSPS
AIN = 71MHz (–1dBFS)
SNR = 66.2dBFS
SFDR = 82.02dBFS
55
60
TPC 3. Single Tone @ 71 MHz
– Typical Performance Characteristics
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 121MHz (–1dBFS)
SNR = 63.66dBFS
SFDR = 79.28dBFS
55
60
TPC 4. Single Tone @ 121 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 240MHz (–1dBFS)
SNR = 59.06dBFS
SFDR = 74.56dBFS
55
60
TPC 5. Single Tone @ 240 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 29.3MHz AND 30.3MHz
SFDR = 79.03dBFS
55
60
TPC 6. Two Tone @ 29/30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com