Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10226/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD10226/PCB
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10226/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD10226/PCB Datasheet HTML 1Page - Analog Devices AD10226/PCB Datasheet HTML 2Page - Analog Devices AD10226/PCB Datasheet HTML 3Page - Analog Devices AD10226/PCB Datasheet HTML 4Page - Analog Devices AD10226/PCB Datasheet HTML 5Page - Analog Devices AD10226/PCB Datasheet HTML 6Page - Analog Devices AD10226/PCB Datasheet HTML 7Page - Analog Devices AD10226/PCB Datasheet HTML 8Page - Analog Devices AD10226/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD10226
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual-Channel, 12-Bit 125 MSPS
IF Sampling A/D Converter
FUNCTIONAL BLOCK DIAGRAM
D0B
(LSB)
D1B
D2B
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
D11B
(MSB)
D0A
(LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
D11A
(MSB)
ADC
50
AINA2
T1A
ADC
50
AINB2
T1B
AD10226
12
TIMING
ENCODEA
ENCODEA
REF
REF_A_OUT
TIMING
ENCODEB
ENCODEB
REF
REF_B_OUT
OUTPUT
RESISTORS
T/H
T/H
AINA1
AINB1
12
OUTPUT
RESISTORS
12
12
DFS_A
SFDR_A
DFS_B
SFDR_B
FEATURES
Two Independent 12-Bit, 125 MSPS ADCs
Channel-to-Channel Isolation, > 80 dB
AC-Coupled Signal Conditioning Included
Gain Flatness up to Nyquist, < 0.1 dB
Input VSWR 1.1:1 to Nyquist
80 dB Spurious-Free Dynamic Range
Two’s Complement Output Format
3.3 V or 5 V CMOS-Compatible Output Levels
1.5 W Per Channel
Single-Ended or Differential Input
350 MHz Input Bandwidth
APPLICATIONS
Wireless and Wired Broadband Communications
Base Stations and “Zero-IF” or Direct IF Sampling
Subsystems
Wireless Local Loop (WLL)
Local Multipoint Distribution Service (LMDS)
Radar and Satellite Subsystems
PRODUCT DESCRIPTION
The AD10226 offers two complete ADC channels with on-module
signal conditioning for improved dynamic performance. Each wide
dynamic range ADC has a transformer coupled front end
optimized for direct-IF sampling. The AD10226 has on-chip
track-and-hold circuitry and utilizes an innovative architecture to
achieve 12-bit, 125 MSPS performance. The AD10226 uses
innovative high density circuit design to achieve exceptional
performance, while still maintaining excellent isolation and pro-
viding for board area savings.
The AD10226 operates with 5.0 V analog supply and 3.3 V digital
supply. Each channel is completely independent, allowing opera-
tion with independent ENCODE and analog inputs. The AD10226
is available in a 35 mm square 385-lead BGA package.
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 125 MSPS
2. Input signal conditioning included with full-power bandwidth
to 350 MHz
3. Industry-leading IF sampling performance


Similar Part No. - AD10226/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
Dual-Channel, 12-Bit 125 MSPS
REV. 0
More results

Similar Description - AD10226/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10201 AD-AD10201 Datasheet
762Kb / 20P
DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV.0
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com