Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10226/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD10226/PCB
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10226/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD10226/PCB Datasheet HTML 8Page - Analog Devices AD10226/PCB Datasheet HTML 9Page - Analog Devices AD10226/PCB Datasheet HTML 10Page - Analog Devices AD10226/PCB Datasheet HTML 11Page - Analog Devices AD10226/PCB Datasheet HTML 12Page - Analog Devices AD10226/PCB Datasheet HTML 13Page - Analog Devices AD10226/PCB Datasheet HTML 14Page - Analog Devices AD10226/PCB Datasheet HTML 15Page - Analog Devices AD10226/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD10226
–12–
allowing the maximum swing at the input. The ENCODE input
should be bypassed with a capacitor to ground to reduce noise.
This ensures that the internal bias voltage is centered on the
encode signal (Figure 3). For best dynamic performance, imped-
ances at ENCODE and
ENCODE should match.
Figure 4 shows another preferred method for clocking the AD10226.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions
into the AD10226 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to the other portions of the AD9433, and limits the noise
presented to the ENCODE inputs. A crystal clock oscillator can
also be used to drive the RF transformer if an appropriate limiting
resistor (typically 100
Ω) is placed in the series with the primary.
100
0.1 F
AD10226
ENCODE
ENCODE
CLOCK
SOURCE
Figure 4. Double-Ended 50 Sine Encode Circuit
ENCODE Voltage Level Definition
The voltage level definitions for driving ENCODE and
ENCODE
in differential mode is shown in Figure 6.
ENCODE
ENCODE
0.1 F
VIHS
VILS
VID
VIHD
VILD
ENCODE
ENCODE
VIHS VILS
VIHS VILS
Figure 5. Differential Input Levels
Analog Input
The analog input is a single-ended ac-coupled high performance
1:1 transformer with an input impedance of 50
Ω to 350 MHz.
The nominal full scale input is 1.87 V p-p.
Special care was taken in the design of the analog input section
of the AD10226 to prevent damage and corruption of data when
the input is overdriven.
SFDR Optimization
The SFDR MODE pin enables (SFDR MODE = 1) a proprietary
circuit that may improve the spurious-free dynamic range (SFDR)
performance of the AD10226. It is useful in applications where the
dynamic range of the system is limited by discrete spurious frequency
content caused by nonlinearities in the ADC transfer function.
Enabling this circuit will give the circuit a dynamic transfer function,
meaning that the voltage threshold between two adjacent output
codes may change from clock cycle to clock cycle. While improv-
ing spurious frequency content, this dynamic aspect of the transfer
function may be inappropriate for some time domain applications
of the converter. Connecting the SFDR Mode pin to ground will
disable this function. The Typical Performance Characteristics
section of the data sheet illustrates the improvement in the linearity
of the converter and its effect on spurious-free dynamic range.
Digital Outputs
The digital outputs are 3.3 V (2.7 V to 3.6 V) TTL/CMOS-
compatible for lower power consumption. The output data format
is selectable through the data format select (DFS) CMOS input.
DFS = 1 selects offset binary coding (Table III); DFS = 0 se-
lects Two’s Complement coding (Table IV).
Table III. Offset Binary Output Coding (DFS = 1, VREF = 2.5 V)
AIN – AIN (V)
Digital
Code
Range = 2 V p-p
Output
4095
+0.92
1111 1111 1111
••
•
••
•
2048
0
1000 0000 0000
2047
–0.00045
0111 1111 1111
••
•
••
•
0
–0.92
0000 0000 0000
Table IV. Two’s Complement Output Coding
(DFS = 0, VREF = 2.5 V)
AIN – AIN (V)
Digital
Code
Range = 2 V p-p
Output
+2047
+0.92
0111 1111 1111
••
•
••
•
00
0000 0000 0000
–1
–0.00045
1111 1111 1111
••
•
••
•
–2048
–0.92
1000 0000 0000
Voltage Reference
A stable and accurate 2.5 V voltage reference is designed into the
AD10226 (VREFOUT). An external voltage reference is not required.
Timing
The AD10226 provides latched data outputs, with 10 pipeline
delays. Data outputs are available one propagation delay (tPD) after
the rising edge of the ENCODE command (see Figure 1). The
length of the output data lines and loads placed on them should
be minimized to reduce transients within the AD10226; these
transients can detract from the converter’s dynamic performance.
The minimum guaranteed conversion rate of the AD10226 is
10 MSPS. At internal clock rates below 10 MSPS, dynamic perfor-
mance may degrade. Therefore, input clock rates below 10 MHz
should be avoided.
GROUNDING AND DECOUPLING
Analog and Digital Grounding
Proper grounding is essential in any high-speed, high resolution
system. Multilayer printed circuit boards (PCBs) are recommended
to provide optimal grounding and power schemes. The use of
ground and power planes offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the powerplane,
PCB insulation, and ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com