Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC230-AL Datasheet(PDF) 2 Page - DFI Inc

Part # VC230-AL
Description  In-Vehicle Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC230-AL Datasheet(HTML) 2 Page - DFI Inc

  VC230-AL Datasheet HTML 1Page - DFI Inc VC230-AL Datasheet HTML 2Page - DFI Inc VC230-AL Datasheet HTML 3Page - DFI Inc VC230-AL Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VC230-AL
Specifications
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.6GHz), 6.5W
Memory
1 SODIMM Memory Support up to 8GB
Single Channel DDR3L 1600/1866MHz
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Display
1 x HDMI
1 x DVI-I
HDMI: resolution up to 3840x2160 @ 60Hz
DVI-I: resolution up to 2560x1600 @ 60Hz
Dual Displays
HDMI + DVI-I
STORAGE
External/Internal
4GB/8GB/16GB/32GB eMMC Onboard (available upon request)
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB/Daul micro SIM)
1 x Full-size Mini PCIe (PCIe/USB/micro SIM)
1 x Half-size Mini PCIe (Share with 1 x mSATA solt)
ETHERNET
Controller
2 x Intel® I210AT PCIe (10/100/1000Mbps)
GPS
GPS
uBlox NEO 8 series
NEO-M8U/L as option to support Dead Reckoning
LED
Indicators
1 x Power LED
1 x Storage LED
FRONT I/O
Display
1 x HDMI
1 x DVI-I
DIO
Isolated 8 bits DIO via 2x5pin 4.2mm Power connector
Input Voltage: 0 to 30 VDC,
Output Current: 50mA pre pin and Max. 200mA total.
On-state Voltage: 12VDC nominal, open collector to 30 VDC.
CAN-Bus
2 x CAN bus
1 x J1708 ports via DB9-M connector
Buttons
1 x Reset Button
Audio Out
1 x 4pins 5.00mm terminal block connector
Antenna holes
3 x SMA Antenna holes
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (DB9-M)
USB
2 x USB 2.0 (type A)
2 x USB 3.0
Antennas
1 x SMA Antenna Hole
1 x FME Antenna Hole
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36V with Vehicle Control
Connector
3-pin Terminal Block (VCC/ACC/GND)
OS SUPPORT
Windows 10 64-bit
Linux
CentOS 7
MECHANISM
Construction
Aluminum + SPGC Metal
Mounting
Wall/VESA Mount
Dimensions (W x H x D) 180mm x 50mm x 121.2mm (W x H x D)
Weight
TBD
ENVIRONMENT
Operating Temperature -40 to 70°C
Storage Temperature
-40 to 85°C
STANDARDS AND
CERTIFICATIONS
Shock
MIL-STD-810G Method 516.6
Vibration
MIL-STD 810G Method 514.6C-3
Certifications
CE/FCC Class B/E-mark (E13)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com