Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC230-AL Datasheet(PDF) 4 Page - DFI Inc

Part # VC230-AL
Description  In-Vehicle Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC230-AL Datasheet(HTML) 4 Page - DFI Inc

  VC230-AL Datasheet HTML 1Page - DFI Inc VC230-AL Datasheet HTML 2Page - DFI Inc VC230-AL Datasheet HTML 3Page - DFI Inc VC230-AL Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 21, 2020 DFI Inc.
VC230-AL
Ordering Information
Optional Items
Packing List
Model Name
Part Number
Description
VC230-AL-E3950
750-VC2301-000G Fanless, Intel Atom X7-E3950, 2 LAN, 1 HDMI, 1 DVI-I, 1 COM, 4 USB, 1 CANBUS
With In Vehicle Power Module 9-36V, F/G RoHS
VC230-AL-E3940
750-VC2301-200G Fanless, Intel Atom X5-E3940, 2 LAN, 1 HDMI, 1 DVI-I, 1 COM, 4 USB, 1 CANBUS
With In Vehicle Power Module 9-36V, F/G RoHS
VC230-AL-E3930
750-VC2301-300G Fanless, Intel Atom X7-E3930, 2 LAN, 1 HDMI, 1 DVI-I, 1 COM, 4 USB, 1 CANBUS
With In Vehicle Power Module 9-36V, F/G RoHS
Optional Items
Part Number
Description
mSATA
785-MS64GMF
mSATA Card, 64GB MLC, RoHS
785-MS32GMF
mSATA Card, 32GB MLC, RoHS
785-MS16GMF
mSATA Card, 16GB MLC, RoHS
785-MS08GMF
mSATA Card, 8GB MLC, RoHS
Wi-Fi
761-110091-000G
WiFi Kit, Wireless Module, W/Antenna cable*2,200mm, WPEA-121N a/b/g/n
(Sparklan), RoHS
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-106002-102G
60W, 12V/5A
671-106009-000G
60W, 19V/3.15A
Wall Mount
761-EC7000-000G ACCESSORY WALL MOUNT KITS EC700 RoHS
VESA Mount
761-EC7000-100G VC230-BT VESA Mount Kit, RoHS
• 1 VC230-AL system unit
• 2 mounting screws for Mini PCIe module
• 1 Quick Installation Guide
785-XXX is a group number instead of a unique part number. Please contact your regional sales representative if you need more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com