Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC230-AL Datasheet(PDF) 1 Page - DFI Inc

Part # VC230-AL
Description  In-Vehicle Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC230-AL Datasheet(HTML) 1 Page - DFI Inc

  VC230-AL Datasheet HTML 1Page - DFI Inc VC230-AL Datasheet HTML 2Page - DFI Inc VC230-AL Datasheet HTML 3Page - DFI Inc VC230-AL Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Intel Atom® Processor E3900 Series
In-Vehicle Box PC
VC230-AL
Panel
Dimensions
Features
• Anti-vibration and fanless In-Vehicle computer
• Supports ignition delay on/off function
• 1 mSATA, eMMC (optional)
• GPS Onboard
• 3 SIM Slots Onboard
• Supports Wi-Fi, 3G, and GPRS application
3G
Rear View
Front View
Speaker
USB 3.0
Reset
HDMI
Power LED
CAN-Bus
COM
SMA
Antenna hole
USB 2.0
LAN 1/2
GPIO
CAN-bus
Atom
Wide Voltage
9V
36V
182.20
SCALE 0.700
50.01
SCALE 0.700
Right View
Left View
Rear View
Front View
Top View
Wide
Temperature
0
C
0
C
-40
70
mSATA
Storage LED
Remote
Switch
VCC/IGN/GND
DVI-I
FME
Antenna hole


Similar Part No. - VC230-AL

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC230-BT DFI-VC230-BT Datasheet
1Mb / 4P
In-Vehicle Box PC
VC230-BT3051-252 DFI-VC230-BT3051-252 Datasheet
1Mb / 4P
In-Vehicle Box PC
VC230-BT3051-454 DFI-VC230-BT3051-454 Datasheet
1Mb / 4P
In-Vehicle Box PC
More results

Similar Description - VC230-AL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
ARM-based, In-Vehicle Computing Box
TREK-550 ADVANTECH-TREK-550 Datasheet
1Mb / 2P
Intel짰 Atom??In-Vehicle Computing Box
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
TREK-570-00A0E ADVANTECH-TREK-570-00A0E Datasheet
516Kb / 2P
Compact In-vehicle Computing Box for Fleet Management
TREK-674-HWB7A0E ADVANTECH-TREK-674-HWB7A0E Datasheet
852Kb / 2P
Compact In-vehicle Computing Box for Surveillance & Fleet Management
logo
List of Unclassifed Man...
LVC-5000 ETC2-LVC-5000 Datasheet
222Kb / 2P
Fanless In-Vehicle Box PC with Intel 847E series Processor featuring 4 GbE LAN Ports
logo
DFI Inc
VC230-BT DFI-VC230-BT Datasheet
1Mb / 4P
In-Vehicle Box PC
VP101-BT DFI-VP101-BT Datasheet
893Kb / 4P
10.1 In-vehicle Touch Panel PC
logo
AAEON Technology
BOXER-6313U AAEON-BOXER-6313U Datasheet
412Kb / 2P
In-Vehicle Box PC with Intel® Atom™ E3845, 1.91 GHz Processor
logo
Advantech Co., Ltd.
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com