Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB334X Datasheet(PDF) 34 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB334X Datasheet HTML 30Page - Microchip Technology USB334X Datasheet HTML 31Page - Microchip Technology USB334X Datasheet HTML 32Page - Microchip Technology USB334X Datasheet HTML 33Page - Microchip Technology USB334X Datasheet HTML 34Page - Microchip Technology USB334X Datasheet HTML 35Page - Microchip Technology USB334X Datasheet HTML 36Page - Microchip Technology USB334X Datasheet HTML 37Page - Microchip Technology USB334X Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
USB334x
DS00002646A-page 34
2009-2018 Microchip Technology Inc.
The ID resistance to ground can be read while the USB334x is in Synchronous Mode. When a resistor to ground is
attached to the ID pin, the state of the IdGnd comparator will change. After the Link has detected ID transition to ground,
it can use the methods described in Section 6.8, "RID Converter Operation," on page 61 to operate the Rid converter.
5.7.1.3
Using IdFloat Comparator (not recommended)
The ID pin can be either grounded, floated, or connected to ground with a 102 kΩ external resistor. To detect the 102K
resistor, set the idPullup bit in the OTG Control register, causing the USB334x to apply the 100K internal pull-up con-
nected between the ID pin and VDD33. Set the idFloatRise and idFloatFall bits in the Carkit Interrupt Enable register to
enable the IdFloat comparator to generate an RXCMD to the Link when the state of the IdFloat changes. As described
in Figure 6-3, the alt_int bit of the RXCMD will be set. The values of IdGnd and IdFloat are shown for the three types
cables that can attach to the USB Connector in Table 5-4.
To save current when an A Plug is inserted, the internal 102kΩ pull-up resistor can be disabled by clearing the IdPullUp
bit in the OTG Control register and the IdFloatRise and IdFloatFall bits in both the USB Interrupt Enable Rising and USB
Interrupt Enable Falling registers. If the cable is removed the weak RIDW will pull the ID pin high.
The IdGnd value can be read using the ULPI USB Interrupt Status register, bit 4. In host mode, it can be set to generate
an interrupt when IdGnd changes by setting the appropriate bits in the USB Interrupt Enable Rising and USB Interrupt
Enable Falling registers. The IdFloat value can be read by reading the ULPI Carkit Interrupt Status register bit 0.
TABLE 5-3:
VALID VALUES OF ID RESISTANCE TO GROUND
ID Resistance to Ground
Rid Value
Ground
000
75Ω +/-1%
001
102kΩ +/-1%
010
200kΩ+/-1%
011
Floating
101
Note:
IdPullUp = 0
Note:
The ULPI specification details a method to detect a 102 kΩ resistance to ground using the IdFloat compar-
ator. This method can only detect 0Ω, 102 kΩ, and floating terminations of the ID pin. Due to this limitation
it is recommended to use the RID Converter as described in Section 5.7.1.2, "Measuring ID Resistance to
Ground," on page 33.
TABLE 5-4:
IDGND AND IDFLOAT VS. ID RESISTANCE TO GROUND
ID Resistance
IDGND
IDFLOAT
Float
1
1
102K
1
0
GND
0
0
Note:
The ULPI register bits IdPullUp, IdFloatRise, and IdFloatFall should be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com