Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB334X Datasheet(PDF) 77 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 77 Page - Microchip Technology

Back Button USB334X Datasheet HTML 73Page - Microchip Technology USB334X Datasheet HTML 74Page - Microchip Technology USB334X Datasheet HTML 75Page - Microchip Technology USB334X Datasheet HTML 76Page - Microchip Technology USB334X Datasheet HTML 77Page - Microchip Technology USB334X Datasheet HTML 78Page - Microchip Technology USB334X Datasheet HTML 79Page - Microchip Technology USB334X Datasheet HTML 80Page - Microchip Technology USB334X Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 77
USB334x
8.0
APPLICATION NOTES
8.1
Application Diagram
The USB334x requires few external components as shown in the application diagrams. The USB 2.0 Specification
restricts the voltage at the VBUS pin to a maximum value of 5.25V. In some applications, the voltage will exceed this
limit, so the USB334x provides an integrated over voltage protection circuit. The over voltage protection circuit works
with an external resistor (RVBUS) to lower the voltage at the VBUS pin.
TABLE 8-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
REFERENCE
DESIGNATOR
VALUE
DESCRIPTION
NOTES
COUT
See Table 4-12
Bypass capacitor to ground (<1Ω ESR)
for regulator stability.
Place as close as possible to the
PHY.
CVBUS
See Table 8-2
Capacitor to ground required by the USB
Specification. Microchip recommends
<1Ω ESR.
Place near the USB connector.
CBYP
System
dependent.
Bypass capacitor to ground. Typical
values used are 0.1 or 0.01 µF.
Place as close as possible to the
PHY.
CDC_LOAD
System
dependent.
The USB connector housing may be AC-
coupled to the device ground.
Industry convention is to ground
only the host side of the cable
shield.
RVBUS
1k
 or 20k
Series resistor to work with internal over
voltage protection.
See Section 5.7.2.6, "VBUS Over
Voltage Protection (OVP)," on
page 37 for information regarding
power dissipation.
RBIAS
8.06k
 (±1%)
Series resistor to establish reference
voltage.
See Section 5.3, "Bias
Generator," on page 27 for
information regarding power
dissipation.
TABLE 8-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
MODE
MIN VALUE
MAX VALUE
Host
120µF
Device
1µF
10µF
OTG
1µF
6.5µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com