Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB334X Datasheet(PDF) 62 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 62 Page - Microchip Technology

Back Button USB334X Datasheet HTML 58Page - Microchip Technology USB334X Datasheet HTML 59Page - Microchip Technology USB334X Datasheet HTML 60Page - Microchip Technology USB334X Datasheet HTML 61Page - Microchip Technology USB334X Datasheet HTML 62Page - Microchip Technology USB334X Datasheet HTML 63Page - Microchip Technology USB334X Datasheet HTML 64Page - Microchip Technology USB334X Datasheet HTML 65Page - Microchip Technology USB334X Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
USB334x
DS00002646A-page 62
2009-2018 Microchip Technology Inc.
Exiting Headset Audio Mode is the same as exiting Low Power Mode as described in Section 6.5.2, "Exiting Low Power
Mode," on page 57. The RESETB pin can also be pulsed low to reset the USB334x and return to Synchronous Mode.
TABLE 6-13:
PIN DEFINITIONS IN HEADSET AUDIO MODE
Signal
Connected to
Direction
Description
SessVld
DATA[0]
OUT
Output of SessVld comparator
VbusVld
DATA[1]
OUT
Output of VbusVld Comparator (interrupt must be enabled)
IdGndDrv
DATA[2]
IN
Drives ID pin to ground when asserted
0b: Not connected
1b: Connects ID to ground.
DATA[3]
OUT
Driven low
IdGround
DATA[4]
OUT
Asserted when the ID pin is grounded.
0b: ID pin is grounded
1b: ID pin is floating
IdFloat
DATA[5]
OUT
Asserted when the ID pin is floating. IdPullup or
Id_pullup330 must be enabled.
IdFloatRise and IdFloatFall must be enabled.
IdPullup330
DATA[6]
IN
When enabled a 330kΩ pullup is applied to the ID pin. This
bit will also change the trip point of the IdGnd comparator
to the value shown in Table 4-9.
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
IdPullup
DATA[7]
IN
Connects the 100kΩ pull-up resistor from the ID pin to
VDD3.3
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com