Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4614 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic CS4614 Datasheet HTML 10Page - Cirrus Logic CS4614 Datasheet HTML 11Page - Cirrus Logic CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic CS4614 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
11
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
rameter RAM, and Sample RAM) into host memo-
ry space. This allows the host to directly peek and
poke RAM locations on the device. The relation-
ship between the Base Address Registers in the
CS4614 PCI Configuration Space and the host
memory map is depicted in Figure 8.
The bus mastering PCI bus interface complies with
the PCI Local Bus Specification (version 2.1).
PCI bus transactions
As a target of a PCI bus transaction, the CS4614
supports the Memory Read (from internal registers
or memory), Memory Write (to internal registers
or memory), Configuration Read (from CS4614
configuration registers), Configuration Write (to
CS4614 configuration registers), Memory Read
Multiple (aliased to Memory Read), Memory Read
Line (aliased to Memory Read), and the Memory
Write and Invalidate (aliased to Memory Write)
transfer cycles. The I/O Read, I/O Write, Interrupt
Acknowledge, Special Cycles, and Dual Address
Cycle transactions are not supported.
As Bus Master, the CS4614 generates the Memory
Read Multiple and Memory Write transactions.
The Memory Read, Configuration Read, Configu-
ration Write, Memory Read Line, Memory Write
Host
Memory
North
Bridge
CPU
South
Bridge
CS4297
PCI Bus
PC/PCI (if used)
Audio Out
Audio In
Figure 7. AC ‘97 Codec Interface
CS4614
Accelerator
00h
Device ID / Vendor ID
Status / Command
Class Code / Revision
Base Address Register 0
Base Address Register 1
Misc. Control
Direct I/O Registers
(Memory Mapped, 4 kByte)
Direct Memory Interface
(Memory Mapped, 1 MByte)
Device PCI Config. Space
04h
08h
0Ch
10h
14h
Figure 8. Host Interface Base Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com