Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4614 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4614 Datasheet HTML 1Page - Cirrus Logic CS4614 Datasheet HTML 2Page - Cirrus Logic CS4614 Datasheet HTML 3Page - Cirrus Logic CS4614 Datasheet HTML 4Page - Cirrus Logic CS4614 Datasheet HTML 5Page - Cirrus Logic CS4614 Datasheet HTML 6Page - Cirrus Logic CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
DS292PP3
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
ABSOLUTE MAXIMUM RATINGS
(PCIGND = CGND = CRYGND = 0 V, all voltages with respect to 0 V)
Notes: 1. Includes all power generated by AC and/or DC output loading.
2. The power supply pins are at recommended maximum values. XTALI & XTALO are at 3.6 V maximum.
3. At ambient temperatures above 70° C, total power dissipation must be limited to less than 0.4 Watts.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(PCIGND = CGND = CRYGND = 0 V, all voltages with respect to 0 V)
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
PCIVDD
CVDD
CRYVDD
VDD5REF
-
-
-
-
-
-
-
-
4.6
4.6
4.6
5.5
V
V
V
V
Total Power Dissipation
(Note 1)
-
-
1.5
W
Input Current per Pin, DC (Except supply pins)
-
-
10
mA
Output current per pin, DC
-
-
10
mA
Input voltage
(Note 2)
-0.3
-
5.75
V
Ambient temperature (power applied)
(Note 3)
-45
-
85
°C
Storage temperature
-55
-
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
PCIVDD
CVDD
CRYVDD
VDD5REF
3
3
3
4.75
3.3
3.3
3.3
5
3.6
3.6
3.6
5.25
V
V
V
V
Internal DSP Frequency
-
-
85
MHz
Operating Ambient Temperature
TA
025
70°C
Windows, Windows 95, DirectSound, and DirectSound3D are registered trademarks of Microsoft Corporation.
DirectInput, DirectX and NetMeeting are trademarks of Microsoft Corporation.
Sound Blaster and Sound Blaster Pro are trademarks of Creative Technology, Ltd.
Crystal, CrystalClear, CCLS, SLIMD and SoundFusion are trademarks of Cirrus Logic, Inc.
All other names are trademarks, registered trademarks, or service marks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com