Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4614 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic CS4614 Datasheet HTML 15Page - Cirrus Logic CS4614 Datasheet HTML 16Page - Cirrus Logic CS4614 Datasheet HTML 17Page - Cirrus Logic CS4614 Datasheet HTML 18Page - Cirrus Logic CS4614 Datasheet HTML 19Page - Cirrus Logic CS4614 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
DS292PP3
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
EEPROM INTERFACE
The EEPROM configuration interface allows the
connection of an optional external EEPROM de-
vice to provide power-up configuration informa-
tion. The external EEPROM is not required for
proper operation; however, in some applications
power-up configuration settings other than the de-
fault values may be required to support specific
Operating System compatibility requirements.
After a hardware reset, an internal state machine in
the CS4614 will automatically detect the presence
of an external EEPROM device and load the Sub-
system ID and Subsystem Vendor ID fields, along
with two bytes of general configuration informa-
tion, into internal registers. At power-up, the
CS4614 will attempt to read from the external de-
vice, and will check the data received from the de-
vice for a valid signature header. If the header data
is invalid, the data transfer is aborted. After power-
up, the host can read or write from/to the EEPROM
device by accessing specific registers in the
CS4614. Cirrus Logic provides software to read
and write the EEPROM.
The two-wire interface for the optional external
EEPROM device is depicted in Figure 11. During
data transfers, the data line (EEDAT) can change
state only while the clock signal (EECLK) is low.
A state change of the data line while the clock sig-
nal is high indicates a start or stop condition to the
EEPROM device.
+5 V
DSP
1 nF
1
9
8
4
5
2
10
7
14
12
15
1 nF
5.6 nF
5.6 nF
2.2 k
Ω
2.2 k
Ω
MIDIIN
MIDIOUT
JAB2
JBB2
JACY
JBCY
JBCX
JACX
JBB1
JAB1
3
11
13
6
1 nF
1 nF
2.2 k
Ω
2.2 k
Ω
5.6 nF
5.6 nF
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
Figure 10. Joystick Logic
SLIMD SP
Core
EEDAT
EECLK
4.7 k
Ω
2-wire
Serial
EEPROM
Figure 11. External EEPROM Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com