Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS2 Datasheet(PDF) 4 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2
Description  700V 2A SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2 Datasheet(HTML) 4 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2 Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV3.0
Jul 2019
4
特性曲线/Characteristic Data:
负载电流与环境温度关系曲线
Load current vs. ambient temperature characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com