Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS2 Datasheet(PDF) 1 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2
Description  700V 2A SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2 Datasheet(HTML) 1 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2 Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV3.0
Jul 2019
1
YAS2/**D2P(Z)22——700V 2A SSR
概述/General Features
● 厚度3mm SSR/ Thickness3.0mm SSR
● 过零和调相型/ Zero-cross,random trigger
● 负载电流最大为2A/Max load current 2A
● 高负载耐压700V/High load voltage 700V
● 符合RoHS/RoHS compliant
应用/Applications
家电产品(空调、冰箱、洗衣机微波炉等的
风扇、加热、进出水开关等控制)
Home appliances (air conditioners,
microwave ovens, washing machines,
personal hygiene systems,
refrigerators, fan, heaters, inductive
heating cooker, and water heaters,
etc.)
工业控制
Industrial equipment market.
订货信息/Ordering Information
Part Number
Package
Marking
YAS2/**D2P(Z)22
SIP4
YAS2/**D2P(Z)22
YAS2/D2P(Z)22
SIP4
YAS2/D2P(Z)22
极限值/Absolute Maximum
(环境温度/
Ambient
temperature: 25℃)
特性参数/Parameter
符号
/Symbol
测试条件/Test
condition
最小值
/Min.
典型值
/Typ.
最大值
/Max.
单位
/Unit
输入端
/Input
反向电流/LED reverse
current
IR
VR=5V
10
µA
正向电流/ LED forward
current
IF
50
mA
输入电流/ Input current
(**D2P22)
I
in
Vin=VIN+20%V
15
18
mA
输出端
/Output
阻断电压/ Repetitive peak
OFF-state voltage
V
DRM
700
V
额定电流/ ON-state
RMS current
I
IF=10mA
2
A
浪涌电流/ Surge current
I
50Hz, 1 cycle
30
A
YAS2/12D2P(Z)22


Similar Part No. - YAS2

ManufacturerPart #DatasheetDescription
logo
Xiamen silicon-top opto...
YAS2/D0.6P22Z SILICON-TOP-YAS2/D0.6P22Z Datasheet
899Kb / 7P
700V SSR
YAS2/D0.6P38Z SILICON-TOP-YAS2/D0.6P38Z Datasheet
899Kb / 7P
700V SSR
YAS2/D0.6Z22Z SILICON-TOP-YAS2/D0.6Z22Z Datasheet
899Kb / 7P
700V SSR
YAS2/D0.6Z38Z SILICON-TOP-YAS2/D0.6Z38Z Datasheet
899Kb / 7P
700V SSR
YAS2/D1.2P22Z SILICON-TOP-YAS2/D1.2P22Z Datasheet
899Kb / 7P
700V SSR
More results

Similar Description - YAS2

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
BCR2EM-14LB RENESAS-BCR2EM-14LB Datasheet
61Kb / 4P
700V - 2A - Triac Medium Power Use
logo
Panasonic Semiconductor
AQG12112 PANASONIC-AQG12112 Datasheet
98Kb / 5P
Slim type SSR for 1A and 2A control
logo
Unisonic Technologies
2N70Z UTC-2N70Z Datasheet
265Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
2N70ZL UTC-2N70ZL Datasheet
269Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
logo
Nihon Inter Electronics...
PHA15-25DW2RP NIEC-PHA15-25DW2RP Datasheet
256Kb / 3P
SSR
logo
Renesas Technology Corp
BCR2EM-14LB RENESAS-BCR2EM-14LB_15 Datasheet
61Kb / 4P
700V - 2A - Triac Medium Power Use
logo
Xiamen silicon-top opto...
YAS1 SILICON-TOP-YAS1 Datasheet
899Kb / 7P
700V SSR
YSM2 SILICON-TOP-YSM2 Datasheet
394Kb / 4P
SSR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com