Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS2 Datasheet(PDF) 5 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2
Description  700V 2A SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2 Datasheet(HTML) 5 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2 Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2 Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV3.0
Jul 2019
5
* 接通和关断时间关系,Turn on/Turn off time
注意事项
/Notes
a) 工作环境温度超过 25℃时请降额使用,降额曲线参考附件。When ambient temperature is above 25℃,
the load current must be reduced. (see Annexes,fig.1)
b) 继电器接线时,务必保证输入端极性的正确,以免损坏继电器。Ensuring the polarity is correct
when connecting the input lines, otherwise the wrong connection will damage the relay.
c)由于 SSR 动作时间很短,输入端的噪声可能会引起 SSR 误动作,所以在输入端环境噪声较大时,应
在输入端接 R/C 回路吸收噪声。
Since the operate time of the relay is extremely short, any noise to input terminal will cause
malfunction of the SSR, So a RC circuit should be connected to input terminal to absorb
the noise in the noisy condition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com