Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-US-R Datasheet(PDF) 6 Page - Silicom Ltd.

Part # IS401U-US-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-US-R Datasheet(HTML) 6 Page - Silicom Ltd.

Back Button IS401U-US-R Datasheet HTML 2Page - Silicom Ltd. IS401U-US-R Datasheet HTML 3Page - Silicom Ltd. IS401U-US-R Datasheet HTML 4Page - Silicom Ltd. IS401U-US-R Datasheet HTML 5Page - Silicom Ltd. IS401U-US-R Datasheet HTML 6Page - Silicom Ltd. IS401U-US-R Datasheet HTML 7Page - Silicom Ltd. IS401U-US-R Datasheet HTML 8Page - Silicom Ltd. IS401U-US-R Datasheet HTML 9Page - Silicom Ltd. IS401U-US-R Datasheet HTML 10Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 6
Link : LED will turn on.
Two LED:
Inline Mode
– Green LED.
Non Inline Mode :Bypass, TAP, Disconnect
– Yellow (Orange) LED.
HB Status LED
Blinking Green LED
– HB is active.
LED is off
– HB not active
Connectors:
Network: 2 MPO
Monitor: 2 QSFP+
IS40M40G4BP-QBD (850um/900nm)
Fiber Gigabit Ethernet Technical Specifications
– (40GBase-BD) Adapters:
IEEE Standard / Network
topology:
Fiber Gigabit Ethernet, 40GBASE-SR-BiDi (850nm / 900nm)
Data Transfer Rate:
40G per port
Cables and Operating
distance:
Multimode fiber:50um
*50m maximum on OM3 MMF
*75m maximum on OM4 MMF
Theoretical Distance
– Defined as half a distance
Output Transmit Power:
Typical: 0 dBm
Minimum: -4 dBm
Optical Receive Sensitivity:
Maximum: -7.1. dBm at 850nm
Maximum: -7.7. dBm at 900nm
Insertion Loss (Passive:
Normal Mode)
Typical: 1.2 dB
Maximum: 2 dB
Insertion Loss (Passive:
Bypass Mode)
Typical: 1.2 dB
Maximum: 2 dB
Power Consumption:
19W
Size:
102.2mm x161.9 mm x 40.5
mm (4.02” x 6.37” x 2”)
Wide x Depth x Height
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 40°C (32°F – 104°F)
Storage Temperature:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
Class A / FCC / CE / BSMI
Safety:
UL
MTBF*:
75 years
According to Telcordia SR-332 issue 3, environment GB, temperature 40 °C
IS40M40G4BP-QBD and : LED and Connector Specifications
LEDs:
Green LED per port (Network / Monitor)
Activity : LED will blink.
Link : LED will turn on.
Two LED:
Inline Mode
– Green LED.
Non Inline Mode :Bypass, TAP, Disconnect
– Yellow (Orange) LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com