Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-US-R Datasheet(PDF) 9 Page - Silicom Ltd.

Part # IS401U-US-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-US-R Datasheet(HTML) 9 Page - Silicom Ltd.

Back Button IS401U-US-R Datasheet HTML 3Page - Silicom Ltd. IS401U-US-R Datasheet HTML 4Page - Silicom Ltd. IS401U-US-R Datasheet HTML 5Page - Silicom Ltd. IS401U-US-R Datasheet HTML 6Page - Silicom Ltd. IS401U-US-R Datasheet HTML 7Page - Silicom Ltd. IS401U-US-R Datasheet HTML 8Page - Silicom Ltd. IS401U-US-R Datasheet HTML 9Page - Silicom Ltd. IS401U-US-R Datasheet HTML 10Page - Silicom Ltd. IS401U-US-R Datasheet HTML 11Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 9
Insertion Loss ( Passive:
Bypass Mode)
Typical: 0.8 dB
Maximum: 1.8 dB
Voltage:
12V +/-5%, 5VSB+/-5%, 5V +/-5%
Power Consumption:
11W
Size:
102.2mm x161.9 mm x 40.5 mm (4.02” x 6.37” x 2”)
Wide x Depth x Height
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 40°C (32°F – 104°F)
Storage Temperature:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
Class A / FCC / CE / BSMI
Safety:
CB / UL
MTBF*:
48 years
According to Telcordia SR-332 issue 3, environment GB, temperature 40 °C
IS40M10G8BP-LRd/SRd: LED and Connector Specifications
LEDs:
Green LED per port (Network / Monitor)
Activity : LED will blink.
Link : LED will turn on.
Bi-color LED:
Inline Mode
– Green color
Non Inline Mode :Bypass, TAP, Disconnect
– Yellow (Orange) color.
HB Status LED
Blinking Green LED
– HB is active.
LED is off
– HB not active
Connectors:
Network: 4 LC Duplex
Monitor: 4 SFP+
Figure: 1
– Normal Mode Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com