Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-US-R Datasheet(PDF) 11 Page - Silicom Ltd.

Part # IS401U-US-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-US-R Datasheet(HTML) 11 Page - Silicom Ltd.

Back Button IS401U-US-R Datasheet HTML 3Page - Silicom Ltd. IS401U-US-R Datasheet HTML 4Page - Silicom Ltd. IS401U-US-R Datasheet HTML 5Page - Silicom Ltd. IS401U-US-R Datasheet HTML 6Page - Silicom Ltd. IS401U-US-R Datasheet HTML 7Page - Silicom Ltd. IS401U-US-R Datasheet HTML 8Page - Silicom Ltd. IS401U-US-R Datasheet HTML 9Page - Silicom Ltd. IS401U-US-R Datasheet HTML 10Page - Silicom Ltd. IS401U-US-R Datasheet HTML 11Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 11
Order Information
P/N
Description
Notes
IS401U-US-R
Bypass Switch 1U Host System
90-240 VAC Auto-Select, US cable
IS401U-EU-R
Bypass Switch 1U Host System
90-240 VAC Auto-Select, EUcable
IS401U-48
Bypass Switch 1U Host System
Power supply -48VDC
IS40M40G4BP-QS4
40G Gigabit (SR4) fiber Intelligent Bypass Switch
module
SR4 MMF Single Segment Bypass 40G
–
(SR4 on the Network and Monitor ports)
IS40M40G4BP-QBD
40G Gigabit (SR-BiDi) fiber Intelligent Bypass
Switch module
SR-BiDi MMF Single Segment Bypass 40G
–
(SR-BiDi on the Network and Monitor ports)
IS40M40G4BP-QL4
40G Gigabit (LR4) fiber Intelligent Bypass Switch
module
LR4 SMF Single Segment Bypass 40G
–
(LR4 on the Network and Monitor ports)
IS40M10G8BP-SRD
Dual segment 10G/1G Gigabit (SR/SX) fiber
Intelligent Bypass Switch
SR/SX MM Dual Segment Bypass, Dual rate
10G/1G
– (SR/SX on the Network and
Monitor ports)
IS40M10G8BP-LRD
Dual segment 10G/1G Gigabit (LR/LX) fiber
Intelligent Bypass Switch module
LR/LX SM Dual Segment Bypass, Dual rate
10G/1G
– (LR/LX on the Network and
Monitor ports)
2V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com