Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL6012ACPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL6012ACPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. THE EXPOSED PAD (EPAD) ON THE UNDERSIDE OF THE DEVICE
IS ALSO INTERNALLY CONNECTED TO GROUND AND REQUIRES GOOD THERMAL
AND ELECTRICAL CONNECTION TO THE GROUND OF THE PRINTED CIRCUIT BOARD (PCB).
CONNECT ALL GROUND PINS TO A LOW IMPEDANCE GROUND PLANE
TOGETHER WITH THE EPAD.
1
ENBL
2
RFCM
3
RFIN
4
RFCM
5
VPOS
10 DCPL
9
VENV+
8
VENV–
7
VOCM
6
OCOM
ADL6012
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ENBL
Device Enable. Connect this pin to VPOS to enter an enabled state. Connect this pin to ground to enter a disabled
state. This pin can also be driven from a 3 V logic output.
2, 4
RFCM
RF Input Ground Pins. The RFCM pins are connected to the exposed pad (EPAD) at the bottom of the package.
Connect the RFCM pins to the system ground using a low impedance ground plane together with the EPAD.
3
RFIN
Signal Input. The RFIN pin is ac-coupled and has a nominal 100 Ω RF input impedance.
5
VPOS
Supply Voltage. The operational range of this pin is from 3.15 V to 5.25 V. Decouple the power supply using suggested
capacitor values of 100 pF and 0.1 µF and place these capacitors as close as possible to the VPOS pin.
6
OCOM
Output Common. Connect this pin to a low impedance ground plane together with the EPAD.
7
VOCM
Output Common-Mode Control Input. This pin is internally biased to VPOS/2, nominal. An acceptable range on
this pin is 0.9 V to VPOS/2.
8, 9
VENV−,
VENV+
Envelope Detector Pseudo Differential Outputs. VENV− and VENV+ are the negative and positive outputs, respectively,
for the envelope detector output. A 50 Ω output impedance per pin forms a 100 Ω differential output impedance.
These pins feature a 100 Ω differential load and a 2 pF to ground per pin drive capability.
10
DCPL
Bypass Pin for an Internal Bias Node. Connect this pin through a 0.1 µF capacitor to ground for best common-
mode noise rejection.
EPAD
Exposed Pad. The exposed pad (EPAD) on the underside of the device is also internally connected to ground and
requires good thermal and electrical connection to the ground of the printed circuit board (PCB). Connect all
ground pins to a low impedance ground plane together with the EPAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com