Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL6012ACPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL6012ACPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 23Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 23 of 24
APPLICATIONS INFORMATION
EVALUATION BOARD
The ADL6012-EVALZ is a fully populated, 4-layer, Rogers 4003A
and FR4-based evaluation board. For normal operation, the
board requires a 3.3 V to 5 V power supply. Connect the power
supply to the VPOS and GND test loops. Apply the RF input to
RFIN at the 1.85 mm connector. The differential envelope
output signal is ac-coupled and is available on the connectors
labelled VENV+ and VENV−. The dc envelope output voltage
and the output common-mode voltage can be measured at the
test points labeled VENV+_TP and VENV-TP. The output
common-mode voltage can be set externally by the VOCM turret.
See the ADL6012-EVALZ user guide for additional information
on the eval board.
1892-03A-6
Figure 68. Evaluation Board Schematic (Rev. C)
Table 5. Evaluation Board Components
Component
Function/Comments
Default Value
C1
Bypass capacitor for the ENBL pin
0.1 µF
C2
Supply bypass capacitor. Place this capacitor as close to the VPOS pin as possible. Use microwave
grade, PPI, 0402BB104KW500 material.
0.1 µF
C3
Supply bypass capacitor. Place this capacitor as close to the VPOS pin as possible. Use microwave
grade material.
100 pF
C5, C8
Bypass capacitors for the output common-mode voltage. Place these capacitors as close to the IC
as possible.
0.1 µF
C6, C7
Envelope output ac coupling capacitors.
1 µF
R2
ENBL termination resistor.
Open
R3
ENBL pull-up resistor.
20 kΩ
R4
Output load resistor.
Open
R5
Optional VOCM resistor.
Open
R6, R7
VOCM resistor divider network.
Open
R9, R10
Series resistors for measuring the dc envelope outputs.
1 kΩ
R11, R12
Series VENV± resistors.
0 Ω
RFIN connector
1.85 mm, edge mount. Southwest,1892-03A-6.
1892-03A-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com