Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL6012ACPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL6012ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6012ACPZN-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 12 of 24
–40
20
PIN (dBm)
3
–3
–2
1
0
–1
2
–35
–25
–30
–15
15
–5
5
–10
10
0
–20
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 27. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 10 GHz
–40
20
PIN (dBm)
3
–3
–2
1
0
–1
2
–35
–25
–30
–15
15
–5
5
–10
10
0
–20
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 28. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 18 GHz
–40
20
PIN (dBm)
3
–3
–2
1
0
–1
2
–35
–25
–30
–15
15
–5
5
–10
10
0
–20
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 29. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 28 GHz
–40
20
PIN (dBm)
3
–3
–2
1
0
–1
2
–35
–25
–30
–15
15
–5
5
–10
10
0
–20
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 30. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 38 GHz
–30
20
15
0
–15
10
–5
–20
5
–10
–25
PIN (dBm)
+125°C
+105°C
+85°C
–40°C
–55°C
3
–3
–2
1
0
–1
2
Figure 31. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 40 GHz
–40
20
PIN (dBm)
3
–3
–2
1
0
–1
2
–35
–25
–30
–15
15
–5
5
–10
10
0
–20
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 32. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 43.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com