Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753699 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1753699
Description  FRONT-MSTB 2,5/15-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753699 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1753699 Datasheet HTML 1Page - PHOENIX CONTACT 1753699 Datasheet HTML 2Page - PHOENIX CONTACT 1753699 Datasheet HTML 3Page - PHOENIX CONTACT 1753699 Datasheet HTML 4Page - PHOENIX CONTACT 1753699 Datasheet HTML 5Page - PHOENIX CONTACT 1753699 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FRONT-MSTB 2,5/15-ST Order No.: 1779547
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779547
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Feb 3, 2011
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0805072
SK 5/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0805409
SK 5/3,8:UNBEDRUCKT
Marker cards, unprinted, with pitch divisions, self-adhesive, 10-
section marker strips, 12 strips per card, can be labeled with the
M-PEN
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Additional products
Item
Designation
Description
General
0707222
DFK-MSTB 2,5/15-G
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 15, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting, Accessory order no.
5030172 can only be used in conjunction with MSTB 2,5/...ST and
MSTBT 2,5/...ST.
1899977
EMSTBA 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1914988
EMSTBVA 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1762826
MDSTB 2,5/15-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1762978
MDSTBV 2,5/15-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com