Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753699 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1753699
Description  FRONT-MSTB 2,5/15-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753699 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1753699 Datasheet HTML 1Page - PHOENIX CONTACT 1753699 Datasheet HTML 2Page - PHOENIX CONTACT 1753699 Datasheet HTML 3Page - PHOENIX CONTACT 1753699 Datasheet HTML 4Page - PHOENIX CONTACT 1753699 Datasheet HTML 5Page - PHOENIX CONTACT 1753699 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FRONT-MSTB 2,5/15-ST Order No.: 1779547
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779547
PHOENIX CONTACT Deutschland GmbH
Page 5 / 6
http://www.phoenixcontact.de
Feb 3, 2011
1754698
MSTB 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1768312
MSTB 2,5/15-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1757598
MSTBA 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1770614
MSTBA 2,5/15-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1753699
MSTBV 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1755639
MSTBVA 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1735989
MSTBW 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769366
SMSTB 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769939
SMSTBA 2,5/15-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com