Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753699 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753699
Description  FRONT-MSTB 2,5/15-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753699 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753699 Datasheet HTML 1Page - PHOENIX CONTACT 1753699 Datasheet HTML 2Page - PHOENIX CONTACT 1753699 Datasheet HTML 3Page - PHOENIX CONTACT 1753699 Datasheet HTML 4Page - PHOENIX CONTACT 1753699 Datasheet HTML 5Page - PHOENIX CONTACT 1753699 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FRONT-MSTB 2,5/15-ST
Order No.: 1779547
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779547
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 15, Pitch: 5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
017918
040239
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 204 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
09/08/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
70 mm
Number of positions
15
Screw thread
M2,5
Tightening torque, min
0.5 Nm


Similar Part No. - 1753699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753699 PHOENIX-1753699 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1753699 PHOENIX-1753699 Datasheet
122Kb / 5P
SMSTB 2,5/15-ST
More results

Similar Description - 1753699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757145 PHOENIX-1757145 Datasheet
147Kb / 7P
MSTB 2,5/15-ST-5,08
1777293 PHOENIX-1777293 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 3-ST-5,08
1777303 PHOENIX-1777303 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 4-ST-5,08
1777316 PHOENIX-1777316 Datasheet
177Kb / 7P
FRONT-MSTB 2,5/ 5-ST-5,08
1779424 PHOENIX-1779424 Datasheet
145Kb / 6P
FRONT-MSTB 2,5/ 3-ST
1779550 PHOENIX-1779550 Datasheet
149Kb / 6P
FRONT-MSTB 2,5/16-ST
1777413 PHOENIX-1777413 Datasheet
154Kb / 7P
FRONT-MSTB 2,5/15-ST-5,08
1777426 PHOENIX-1777426 Datasheet
154Kb / 7P
FRONT-MSTB 2,5/16-ST-5,08
1826542 PHOENIX-1826542 Datasheet
102Kb / 3P
FRONT-MSTB 2,5/ 4-ST-5,08 BK
1921625 PHOENIX-1921625 Datasheet
97Kb / 2P
FRONT-MSTB 2,5/ 2-ST-5,08 BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com