Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
13
CPM15
Corruption of Port D Registers
Date Added: 5/30/2000
Description: The PDATA, PDATB, PDATC, and PDATD registers can only be written with a
32-bit write instruction. (i.e., stw). When 8- or 16-bit write instructions (i.e., sth, stb) are used, the
bits not being written may be corrupted.
Workaround: Use a 32-bit write instruction only to write to the PDATA, PDATB, PDATC, and
PDATD registers.
System Number: 3679
Fix Plan: Rev A
0K40A
CPM17
Error in Reporting UTOPIA Error Condition
Date Added: 5/30/2000
Description: An FCC receiver which is configured as single PHY master does not detect a UTO-
PIA error condition when SOC and CLAV are not asserted simultaneously.
System Number: 3728
Rev A
0K40A
CPM21
False Indication of Collision in Fast Ethernet
Date Added: 5/30/2000
Description: In the Fast Ethernet a false COL is reported whenever a collision occurs on the pre-
amble of the previous frame.
Workaround: S/W should ignore COL indications when the CRC of the frame is correct.
System Number: 3927
Fix Plan: Rev A
0K40A
CPM22
False Defer Indication in Fast Ethernet
Date Added: 5/30/2000
Description: In the fast ethernet, if a frame is transmitted due to defer and this frame also gets
late collision, a false defer indication is indicated for the next frame.
Workaround: None
System Number: 3981
Fix Plan: Rev A
0K40A
CPM24
Error in Indicating IDLE Between Frame
Date Added: 5/30/2000
Description: In the FCC HDLC transmitter, if slow serial clock (cpm_freq/serial_clock > 16) is
used, RTS does not transition to IDLE between frames. This means that all the frames are trans-
mitted back-to-back in case there is valid data in the transmitter’s FIFO.
Workaround: None
System Number: 3998
Fix Plan: Rev A
0K40A
CPM25
RTS Not Synchronized to Serial Clock
Date Added: 5/30/2000
Description: In the FCC HDLC transmitter in nibble mode, the negation of RTS output signal
is not synchronized to the serial clock. The RTS is negated after the last nibble of the data and
always before the next edge of the serial clock.
Workaround: None
System Number: 4089
Fix Plan: The errata will not be corrected due to minimal system impact and/or availability of
simple work-arounds.
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com