Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
19
CPM57
AAL5 Cell Corruption.
Date Added: 1/28/2001
Description: The second part of a second cell may overwrite the second part of the first cell in
an AAL5 frame.
Workaround: Use microcode patch.
Fix Plan: Rev A
0K40A
CPM64
AAL5 RxBD[LNE] error generated if PDU length exceeds 65512 bytes
Date Added: 5/31/2001
Description: When the CPM receives an AAL5 PDU between 65512-65535 bytes (maximum
length) the CPM sets the RxBD[LNE] indicating a receive length error, however the memory
buffer contents for the PDU are correct.
Workaround: Receive AAL5 PDU less than 65512 bytes or use microcode patch.
System Number: 7025
Fix Plan: Rev A
0K40A
CPM65
SS7 Microcode in ROM does not function correctly
Date Added: 8/5/2001
Description: The SS7 microcode in ROM does not function correctly and should not be used.
Workaround: Use the Enhanced SS7 microcode package.
Fix Plan: Rev A
0K40A
CPM71
CPM does not snoop MCC buffer descriptors.
Date Added: 8/5/2001
Description: When the MCC performs a DMA read or write of the buffer descriptor, GBL is not
asserted and TC2 is always driven low.Therefore cache snooping will not be enabled for MCC
BDs, therefore BDs in memory will not match the data cache. Also the bus used for the DMA is
always the 60x, therefore if the BDs are on the local bus then the DMA consumes bandwidth on
both the 60x and Local bus.
Workaround: If GBL and/or TC2 are set in the MCC TSTATE/RSTATE parameters, use mi-
crocode patch available from Freescale which fixes the above problem. If GBL and TC2 are not
set to improve performance move the MCC BDs to the 60x bus. The microcode patch will fix both
the GBL/TC2 and the bus performance issue.
System Number: 7018
Fix Plan: Rev A
0K40A
CPM72
MCC Global Underruns
Date Added: 8/5/2001
Description: An MCC transmitter global underrun (GUN) error may result from intensive activ-
ity on FCC1 (e.g.burst of short back to back Ethernet frames).This is due to the prioritization of
the MCC transmitter relative to FCC1 receiver and transmitter as well as the MCC receiver.
Workaround: Each serial channel above can request a service at normal or emergency level. In
case of emergency, the request is handled before normal (non-emergency) request of the channels
at a higher priority level.The proposed change is to allow the MCC transmitter to assert an emer-
gency request instead of normal request. The impact on FCC1 in this case is minimal.This feature
will controlled by a new MCC mode bit in future MSC8101 revisions. This new MCC mode bit
will allow users to continue to use the current CPM priority scheme in their applications if re-
quired.
System Number:
Fix Plan: RevA
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com