Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
14
Freescale Semiconductor
CPM27
Error in Heartbeat Checking in FCC
Date Added: 5/30/2000
Description: The heartbeat checking in FCC transmit ethernet 10Mbps does not work properly.
The standard requires that the collision pulse from the PHY should be checked within a window
of 4usec from the falling edge of the carrier sense. The MSC8101 samples the collision signal only
once at exactly 4usec (10 serial clocks) after the falling edge of the carrier sense signal.
Workaround: None
System Number: 4155
Fix Plan: Rev A
0K40A
CPM28
Error in Receive Frame Threshold
Date Added: 5/30/2000
Description: In the SCC Rx in HDLC mode, RFTHR does not work. There is no way to get in-
terrupts on the receive side after a programmable number of frames.
Workaround: RFTHR should be programed to 1.
System Number: 4163
Fix Plan: Rev A
0K40A
CPM29
MAXD1 and MAXD2 May Not Be Less Than MFLR
Date Added: 5/30/2000
Description: In SCC Rx ethernet, the option of transferring only part of a frame into memory
(MAXD1 and MAXD2 < MFLR) does not work.
Workaround: None
System Number: 4166
Fix Plan: Rev A
0K40A
CPM30
Graceful Stop Command Does Not Work
Date Added: 5/30/2000
Description: The graceful stop command does not work in SCC Tx in the following protocols:
Ethernet, HDLC, Transparent.
Workaround: None
System Number: 4167
Fix Plan: Rev A
0K40A
CPM35
Data Corruption in SCC Transparent Mode
Date Added: 5/30/2000
Description: When SCC transparent, envelope mode is used and the received frame size is (4*n)
+ 1, the last byte is corrupted. When GSMR_H(RFW) - rx FIFO width is used, the received data
is completely corrupted, not just the last byte.
Workaround: The bug can be worked around with a microcode patch.
System Number: System number; 4350
Fix Plan: Rev A
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com