Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZFI310 Datasheet(PDF) 8 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 8 Page - WIZnet Co., Ltd

Back Button WIZFI310 Datasheet HTML 4Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 5Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 6Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 7Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 10Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 11Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 12Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-
1.2 Pin description
Pin No
1
Name
GND
Table 2. WizFi310 Pin Description
Type
Description
-
Ground
2
RF_OUT
-
2.4GHz RF output
3
GND
-
Ground
4
VDDIO
-
3.3V for Digital IO or Digital blocksd
5
JTAG_CLK
-
For normal operation, if JTAG is not used, this pin can
be lenft unconneced (NC)
6
JTAG_TMS
-
For normal operation, if JTAG is not used, this pin can
be left unconnected (NC)
7
8
9
JTAG_TDO
JTAG_TDI
JTAG_TRST
-
-
-
For normal operation, if JTAG is not used, this pin can
be left unconnected (NC)
For normal operation, if JTAG is not used, this pin can
be left unconnected (NC)
For normal operation, if JTAG is not used, this pin can
be left unconnected (NC)
10
11
12
NC(ADC)
Reset
NC(GPIOA0)
-
-
-
Module reset pin(Active low)
-
Ground
13
NC(GPIOA1)
-
-
14
NC(GPIOA2)
-
15
Mode LED
-
-
16
NC(GPIOA4)
-
-
17
WIFI LED
-
-
18
NC(GPIOA7)
-
-
19
NC(GPIOA6)
-
-
20
21
GND
GND
-
Ground
-
Ground
22
VCC 3.3V
-
3.3V power supply
23
TXD
-
Serial data communication interface send
24
RTS
-
Serial flow control pin, ready to receive data /
request the other party to send data (Active low)
Serial flow control pin , ready to receive data /
25
8 / 16
CTS
-
request each other to send data (Active low, High
level cannot send / Low level can send data)
WizFi310 Datasheet Version1.0.0 (OCT 2016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com