Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZFI310 Datasheet(PDF) 13 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 13 Page - WIZnet Co., Ltd

Back Button WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 10Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 11Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 12Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 13Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 14Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 15Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 16Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2.4 802.11g HT40 Mode
2.5 NVM specification
ITEMS
CONTENTS
Specification
NVM Flash
Space
160KByte
Operate write times
Total 10000 times
Note: NVM flash is used to store user configuration or firmware, do not use to store these often
changed configuration or user data.
WizFi310 Datasheet Version1.0.0 (OCT 2016)
13 / 16
ITEMS
CONTENTS
Specification
IEEE802.11n HT40@2.4Ghz
Mode
OFDM
Channel
CH1 to CH13
Data rate
MCS0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15
Power level(calibrated)
Minimum
Typical
Maximum
Unit.
Note.
16dBm Target(For each antenna Port)12
14
16
dBm
Constellation error(EVM)@target
power
Minimum
Typical
Maximum
Unit.
Note.
MCS7
-30
-28
dB
Frequency error
-25
0
+25
khZ
Minimum input level sensitivity Minimum
Typical
Maximum
Unit.
Note.
MCS7(PER ≤ 10 %)
-
-74
-
dBm
Maximum input level(PER ≤ 10 %) -
-10
-
dBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com