Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZFI310 Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  WIZFI310 Datasheet HTML 1Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 2Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 3Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 4Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 5Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 6Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 7Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Features
Application
-
UART serial AT command set operation
-
Support for multiple baud rate
-
Support wireless configuration and OTA firmware upgrade
-
Support on fast networking application functions (WPS function)
-
Support MQTT, GMMP, TLS applications protocols
Standards Supported
-
802.11b/g/n compatible WLAN
-
Light Weight TCP/IP protocol
-
WPA, WPA2, Open, shared key
-
WPS support
WLAN MAC Features
-
CMOS MAC, Baseband PHY, and RF in a single chip for 802.11b/g/n compatible WLAN
-
Complete 802.11n solution for 2.4GHz band
-
72.2Mbps receive PHY rate and 72.2Mbps transmit PHY rate using 20MHz bandwidth
-
150Mbps receive PHY rate and 150Mbps transmit PHY rate using 40MHz bandwidth
-
PHY- level spoofing to enhance legacy compatibility
-
Power saving mechanism
WLAN PHY Features
-
802.11n OFDM
-
One Transmit and one Receive path (1T1R)
-
Short Guard Interval (400ns)
-
DSSS with DBPSK and DQPSK, CCK modulation with long and short preamble
-
Maximum data rate 54Mbps in 802.11g and 150Mbps in 802.11n
-
Fast receiver Automatic Gain Control (AGC)
WizFi310 Datasheet Version1.0.0 (OCT 2016)
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com