Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI1004-2 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI1004-2 Datasheet HTML 7Page - Vicor Corporation PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation PI1004-2 Datasheet HTML 10Page - Vicor Corporation PI1004-2 Datasheet HTML 11Page - Vicor Corporation PI1004-2 Datasheet HTML 12Page - Vicor Corporation PI1004-2 Datasheet HTML 13Page - Vicor Corporation PI1004-2 Datasheet HTML 14Page - Vicor Corporation PI1004-2 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 11 of 16
Figure 5 - Error Amp Output (EAO) and Adaptive Voltage
Positioning (AVP) response to negative step. Error amp
unity gain. ISN grounded, RAVP=1 K, RG=4 K
CH1: ISP 200 mV/div
CH3: EAO 200 mV/div
CH2: RG 200 mV/div
CH4: EAIP 200 mV/div
Figure 6 - Error Amp Output (EAO) and Adaptive Voltage
Positioning (AVP) response to positive step. Error amp
unity gain. ISN grounded, RAVP=1 K, RG=4 K
CH1: ISP 200 mV/div
CH3: EAO 200 mV/div
CH2: RG 200 mV/div
CH4: EAIP 200 mV/div
Figure 7 - REFOUT settling time
CH1: VID4, 5 V/div
CH2: REFOUT; 100 mV/div
Figure 8 - REFOUT blanking time
CH1: VID5, 5 V/div
CH2: REFOUT; 100 mV/div
Figure 9 - Unity Gain Error Amp slew rate
CH1: EAIP; 500 mV/div
CH2: EAO; 500 mV/div
Figure 10 - Startup, Fast Vcc RAMP
CH1: VCC; 2 V/div
CH3: PWRGD; 2 V/div
CH2: EAO; 1 V/div
CH4: SS; 1 V/div
Time: 400 ns/div
Time: 400 ns/div
Time: 20µs/div
Time: 1.0µs/div
Time: 40 ns/div
Time: 40 µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com