Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI1004-2 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation PI1004-2 Datasheet HTML 10Page - Vicor Corporation PI1004-2 Datasheet HTML 11Page - Vicor Corporation PI1004-2 Datasheet HTML 12Page - Vicor Corporation PI1004-2 Datasheet HTML 13Page - Vicor Corporation PI1004-2 Datasheet HTML 14Page - Vicor Corporation PI1004-2 Datasheet HTML 15Page - Vicor Corporation PI1004-2 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 13 of 16
1.20
1.25
1.30
1.35
1.40
1.45
0
50
100
150
Output current (A)
Vo_max [V]
Vo_min [V]
LL
NL
HL
Figure 17 - Load Line Performance; Vin: 10.2/12.0/13.8 V,
Vout: 1.4 V, Tj: 100°C
Figure 18a - Transient Load Response 5 A–95 A–5 A
VID=0.8375 Cload=240 µF
Figure 18b - Transient Load Response 95 A–5 A VID=0.8375
Cload=240 µF
Figure 18c - Transient Load Response 5 A–95 A–5 A VID=1.0
Cload=240 µF
Figure 18d - Transient Load Response 95 A–5 A
VID=1.0 Cload=240 µF
1.20
1.25
1.30
1.35
1.40
1.45
0
50
100
150
Output current (A)
Vo_max [V]
Vo_min [V]
LL
NL
HL
Figure 16 - Load Line Performance; Vin: 10.2/12.0/13.8 V,
Vout: 1.4 V, Ta: Room temp
Application Measurements Using Fig. 4a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com