Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI1004-2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 1 Page - Vicor Corporation

  PI1004-2 Datasheet HTML 1Page - Vicor Corporation PI1004-2 Datasheet HTML 2Page - Vicor Corporation PI1004-2 Datasheet HTML 3Page - Vicor Corporation PI1004-2 Datasheet HTML 4Page - Vicor Corporation PI1004-2 Datasheet HTML 5Page - Vicor Corporation PI1004-2 Datasheet HTML 6Page - Vicor Corporation PI1004-2 Datasheet HTML 7Page - Vicor Corporation PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 1 of 16
PI1004-1
PI1004-2
Programmable Point-of-Load Controller with 6-bit VID
Features
• 0.5% Typical initial output voltage accuracy
• Remote differential output voltage sense
• 6 Bit DAC, with 12.5 mV resolution
• 5 V to 12 V Operation
• Power good output with blanking
• Programmable adaptive voltage positioning (AVP)
• Over voltage protection (OVP) output or
programmable VID offset
• Programmable soft start
• Optimized for VRM/VRD 10.X specifications
• 20 MHz Gain bandwidth amplifier
• Enable input
Applications
• Supports FPA
• Intel® VR10.X CPU Power
• Workstation CPU Power
• Isolated DC-DC Converters
Package
• 24-Lead (4mm x 4mm) QFN
Typical Circuit
Vin
PRM-AL
VTM
PI1004
Vout
Vf
Vref
VID
DAC
} D0-D5
+
–
ZVS
+
–
V•I
K
+
–
Figure 1 - Basic connection in FPA application.
Description
The PI1004 IC combines a Voltage Identification Digital
Input (VID) controlled reference with control and
supervisory functions to accurately set the regulator
output voltage at the point of load, for isolated and CPU
DC-DC converters in desktop and server applications. The
PI1004 feature set is intended to be used in conjunction
with a variety of power architectures, including Factorized
Power Architecture (FPA), to provide CPU power in
accordance with Intel® VR10.X requirements. The feature
set includes a precision error amplifier for remote
differential sensing of the output voltage, a six bit
programmable VID reference voltage output with 12.5
mV resolution, and flexible adaptive voltage positioning.
The regulation voltage can also be shifted below the VID
range with a programmable offset current. The controller
includes an over-voltage indicator output, an open
collector power-good output, under-voltage lockout and
an externally programmable soft start.
The PI1004 is available in two options; PI1004-1:
Programmable VID offset current and no OVP output. The
VID offset current is used to create an offset to the DAC
output. PI1004-2: OVP output and no VID offset.


Similar Part No. - PI1004-2

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI10040 FENGJUI-PI10040 Datasheet
259Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040-100M FENGJUI-PI10040-100M Datasheet
259Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040-150M FENGJUI-PI10040-150M Datasheet
259Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040-1R0M FENGJUI-PI10040-1R0M Datasheet
259Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040-1R5M FENGJUI-PI10040-1R5M Datasheet
259Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI1004-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Dec-2002
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Sep-2003
logo
International Rectifier
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
UCD9240 Digital Point of Load System Controller
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
VID Voltage Programmer for Point of Load Regulator
LM10011 TI-LM10011 Datasheet
919Kb / 21P
6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
LM10010 VID Voltage Programmer for Point of Load Regulator
LM10011 TI-LM10011_15 Datasheet
942Kb / 24P
LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com