Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPCTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # IIS2DLPCTR
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPCTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button IIS2DLPCTR Datasheet HTML 45Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 46Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 47Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 48Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 49Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 50Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 51Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 52Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
DocID031788 Rev 4
49/69
IIS2DLPC
Register description
69
8.5
CTRL2 (21h)
Control register 2 (r/w)
Table 33. Control register 2
Table 34. Control register 2 description
The BDU bit is used to inhibit the update of the output registers until both upper and lower
register parts are read. In default mode (BDU = ‘0’) the output register values are updated
continuously. When the BDU is activated (BDU = ‘1’), the content of the output registers is
not updated until both MSB and LSB are read which avoids reading values related to
different sample times.
BOOT
SOFT_
RESET
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
CS_PU_
DISC
BDU
IF_ADD_
INC
I2C_
DISABLE
SIM
BOOT
Boot enables retrieving the correct trimming parameters from nonvolatile memory
into registers where trimming parameters are stored.
Once the operation is over, this bit automatically returns to 0.
Default value: 0 (0: disabled; 1: enabled)
SOFT_RESET Soft reset acts as reset for all control registers, then goes to 0.
Default value: 0 (0: disabled; 1: enabled)
CS_PU_DISC
Disconnect CS pull-up. Default value: 0
(0: pull-up connected to CS pin;
1: pull-up disconnected to CS pin)
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
IF_ADD_INC
Register address automatically incremented during multiple byte access with a
serial interface (I2C or SPI). Default value: 1 (0: disabled; 1: enabled)
I2C_DISABLE
Disable I2C communication protocol. Default value: 0
(0: SPI and I2C interfaces enabled; 1: I2C mode disabled)
SIM
SPI serial interface mode selection. Default value: 0
0: 4-wire interface; 1: 3-wire interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com