Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPCTR Datasheet(PDF) 58 Page - STMicroelectronics

Part # IIS2DLPCTR
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPCTR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button IIS2DLPCTR Datasheet HTML 54Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 55Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 56Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 57Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 58Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 59Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 60Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 61Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
Register description
IIS2DLPC
58/69
DocID031788 Rev 4
8.21
TAP_THS_Y (31h)
Table 64. TAP_THS_Y register
Table 65. TAP_THS_Y register description
Table 66. Selection of axis priority for tap detection
8.22
TAP_THS_Z (32h)
Table 67. TAP_THS_Z register
Table 68. TAP_THS_Z register description
TAP_
PRIOR_2
TAP_
PRIOR_1
TAP_
PRIOR_0
TAP_
THSY_4
TAP_
THSY_3
TAP_
THSY_2
TAP_
THSY_1
TAP_
THSY_0
TAP_PRIOR_[2:0]
Selection of priority axis for tap detection (see Table 66).
TAP_THSY_[4:0]
Threshold for tap recognition @ FS = ±2 g on Y direction.
TAP_PRIOR_[2:0]
Max priority
Mid priority
Min priority
000
X
Y
Z
001
Y
X
Z
010
X
Z
Y
011
Z
Y
X
100
X
Y
Z
101
Y
Z
X
110
Z
X
Y
111
Z
Y
X
TAP_X_
EN
TAP_Y_
EN
TAP_Z_
EN
TAP_
THSZ_4
TAP_
THSZ_3
TAP_
THSZ_2
TAP_
THSZ_1
TAP_
THSZ_0
TAP_X_EN
Enables X direction in tap recognition.
(0: disabled; 1: enabled)
TAP_Y_EN
Enables Y direction in tap recognition.
(0: disabled; 1: enabled)
TAP_Z_EN
Enables Z direction in tap recognition.
(0: disabled; 1: enabled)
TAP_
THSZ_[4:0]
Threshold for tap recognition @ FS = ±2 g on Z direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com