Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPCTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # IIS2DLPCTR
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPCTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button IIS2DLPCTR Datasheet HTML 47Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 48Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 49Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 50Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 51Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 52Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 53Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 54Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
DocID031788 Rev 4
51/69
IIS2DLPC
Register description
69
8.7
CTRL4_INT1_PAD_CTRL (23h)
Control register 4 (r/w)
Table 38. Control register 4
Table 39. Control register 4description
INT1_6D
INT1_
SINGLE
_TAP
INT1_WU
INT1_FF
INT1_TAP
INT1_
DIFF5
INT1_
FTH
INT1_
DRDY
INT1_6D
6D recognition is routed to INT1 pad. Default: 0
(0: disabled; 1: enabled)
INT1_SINGLE_TAP
Single-tap recognition is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_WU
Wakeup recognition is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FF
Free-fall recognition is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_TAP
Double-tap recognition is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DIFF5
FIFO full recognition is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FTH
FIFO threshold interrupt is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY
Data-Ready is routed to INT1 pad. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com