Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6491
Description  5 kW low voltage high current inverter for industrial motor control applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491 Datasheet(HTML) 7 Page - STMicroelectronics

  L6491 Datasheet HTML 1Page - STMicroelectronics L6491 Datasheet HTML 2Page - STMicroelectronics L6491 Datasheet HTML 3Page - STMicroelectronics L6491 Datasheet HTML 4Page - STMicroelectronics L6491 Datasheet HTML 5Page - STMicroelectronics L6491 Datasheet HTML 6Page - STMicroelectronics L6491 Datasheet HTML 7Page - STMicroelectronics L6491 Datasheet HTML 8Page - STMicroelectronics L6491 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1.4
STEVAL-CTM008V1 schematic diagram
Figure 8. STEVAL-CTM008V1 current sensing board schematic
Ibat
IPH_V
R5
TEST POINT
C5
C4
ICS3
C8
JP
J1
TEST POINT
Ip
IPH_V
Vref
9
Vref
ICS1
Iph_W
IPH_U
IBAT
HTFS 200-P
1.8K
4
C2
JP
S1
0
8
TEST POINT
S4
S2
Iph_V
3.6K
R7
C1
5
R3
C3
TP4
1.8K
JP
7
3
Vref
C9
JP
+5V
Iph_U
1
HTFS 200-P
S3
Vref
1.8K
R1
C6
2
1
ICS4
Ip
Vref
IPH_W
Out
3
3
Out
Out
2
1 +5V
0
male
0
2
+5V
0
4
VCC
3
R4
TEST POINT
0
3.6K
R6
ICS2
VCC
Ip
4 Vref
1
Ip
+Vcc
1
HTFS 200-P
4
Out
1
1
C10
1.8K
TP1
0
IBAT
4
3.6K
R8
HTFS 200-P
TP2
+Vref
GND_C
0
TP3
IPH_W
2
+5V
C12
CON10A
1
C7
2
0
0
0
0
3.6K
+Vcc
0
C11
10
6
R2
3
IPH_U
1
STEVAL-CTM009V1
STEVAL-CTM008V1 schematic diagram
DB3709 - Rev 2
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com