Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6491
Description  5 kW low voltage high current inverter for industrial motor control applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491 Datasheet(HTML) 2 Page - STMicroelectronics

  L6491 Datasheet HTML 1Page - STMicroelectronics L6491 Datasheet HTML 2Page - STMicroelectronics L6491 Datasheet HTML 3Page - STMicroelectronics L6491 Datasheet HTML 4Page - STMicroelectronics L6491 Datasheet HTML 5Page - STMicroelectronics L6491 Datasheet HTML 6Page - STMicroelectronics L6491 Datasheet HTML 7Page - STMicroelectronics L6491 Datasheet HTML 8Page - STMicroelectronics L6491 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
STEVAL-CTM0091 kit schematic diagrams
1.1
STEVAL-CTM004V1 schematic diagram
Figure 1. STEVAL-CTM004V1 power board schematic
_
R82
R96
_
R176
2.2
U
GND
Source
W
PW
_
_
2.2
R80
V
_
_
Source
Source_
PW
W
HS
LS
_
_
_P
V
R150
2.2
_
_
V
1
1
D
Source
GATE
W
_
_
D
U
C86
PW
5 6 7
W
_
2
V
t
W
DC
_
V
V
_
BUS-
1
2.2
U
0.001
_
Q35
_
DC
GATE
W
HS
N.M.
_
GATE
0.033uF
GATE
_
Q4
LS
_
_
_
R77
_
_
Q20
_
_
BUS-
2.2
PW
2 3
_
LS
5 6 7
PW
GATE
_
23
Q21
PW
_
P
1
2.2
2.2
1
_
_
Battery
LS
23
Q19L
1
t
_
10k
U
_
C88
R127
Q17
W
2.2
R132
NTC-
GATE
HS
NTC+
V
R71
U
V
0.033uF
GATE
DC
PHASE
_
1
R76
D
RT2
Phase
W
Q13
GATE
W
RT3
_
2
LS
BUS+
U
2.2
U
HS
HS
D
_
5 6 7
GATE
D
GATE
W
2.2
U
PW
_
C83
10k
_
2.2
10k
P
LS
GATE
LS
GATE
_
_
Q11
_
1
V
GND
HS
_
2.2
1
W
LS_
Q33
V
_
_
GATE
HS
_
2 3
PHASE
2.2
_
1
_
V
GATE
NTC+
Q30
TW7
10k
10k
_
_
GATE
U
W
V
1
_
R89
Out
LS
V
BUS+
_
_
R158
GATE
_
_
W
R145
_
1
R84
D
_
_
2 3
Source
R131
_
V
PW
V
LS
R87
5 6 7
_
23
_
_
R135
Source
_
V
5 6 7
1
_
R128
1
_
Q26
2 3
23
LS
_
HS
HS
P
0.033uF
D
_U
Q36
_
HS
Phase
D
_
_
R81
_
D
_
_
V
_
2 3
10k
2.2
_
D
5 6 7
PW
LS
TW8
BUS-
TW9
LS
10k
GATE
5 6 7
_
D
HS
RES
_
NTC+
1
R133
Q15
LS
1
_
_
2 3
BUS+
_
PW
5 6 7
D
_
GATE
23
1
10k
10k
Q1
R112
GATE
_
D
BUS+
1
R1482.2
LS
GATE
V
R174
_
_
GATE
4.7k
56 7
R74
NTC+
_
HS_
BUS-
HS
_
BUS-
1
5 6 7
GATE
V
2.2
_
GATE
Sense
D
R98
GATE
_
GATE
_
_
U
P
LS
U
0.001
0.001
_
R147
HS
BUS-
_
_
HS
U
W
PW
_
D
PW
1
R1382.2
R73
_
P
_
GATE
_
HS
Out
_
_
NTC+
DC
_
R109
W
2 3
R119
W
10k
_
U
_
R83
HS
W
1
2.2
U
4.7k
LS
_
1
1
GATE_
W
Q14
PW
D
RES
V
2.2
_
_
2.2
NTC-
R120
R175
PW_
_
D
0.033uF
HS
_
_
_
10k
V
56 7
Q34
DC
Q10
U
0.033uF
D
23
LS
_
Source
NTC-
_
Q22
_
U
HS
_
C82
_
V
U
R177
Q12
2.2
Q27
R121
5 6 7
_
10k
LS_
2.2
PW
LS
2.2
4.7k
R72
_
1
_
_
_
5 6 7
V
5 67
2 3
V
_
_
V
GATE
_
_
GATE
+HV
R125
_
GATE
D
2.2
2 3
U
2.2
0.001
C81
_
R1242.2
V
1
R126
Q16
_
R97
V
R130
10k
GATE
_
D
5 6 7
_
GATE
_
V
W
W
Out
GATE
_
PHASE
Sense
LS
HS
RES
_
_
R1222.2
2 3
PW
V
_
R178
P
PW
D
U
_
C80
C90
2.2
W
Q31
2.2
3
2 3
_
_
R137
R93
HS
PW
2 3
_
PW
_
P
_
0.001
R1072.2
_
Source
1
_
23
_
Sense
U
10k
1
GATE
Q25
_
D
_
GATE
PW
56 7
1
_
V
DC_
Source
Source
U
W
GATE
R1362.2
_
D
_
NTC+
D
Q3
D
P
Q7
R111
GATE
Phase
Source
Q2
2
RT1
1
_
S
_
1
V
_
D
1
_
1
_
GND
t
R94
_
_
D
U
1
GND
D
_
Q28
U
_
R129
GATE
U
_
RES
5 67
_
10k
P
_
C89
_
POWER
R108
D
P
R78
NTC-
_
5 6 7
HS
Source
2.2
HS
HS
_W
U
Q6
HS
HS
2.2
56 7
V
Source
R85
_
DC
_
LS
W
GATE
LS
_
PW
2.2
Sense
PW
W
C87
_
_
_
NTC-
W
W
Q9
5 6 7
_
_
Source
2 3
U
V
W
RES
_
_
5 6 7
DC
V
Source
_
0.001
_
S
_
W_
W
_
R90
HS
U
HS
_
C92
_
HS
_
R151
V
_
1
Q18
_
_
GATE
V
R173
5 67
LS
_
R88
Sense
_
_
1
_
GND
_
_
2 3
P
_
GATE
D
NTC-
R95
GATE
GND
_
V
V
_
_
V
LS
_
BUS-
_
2.2
5 67
Sense
_
_
_
NTC-
W
_
D
GATE
HS
NTC-
U
R146
_
NTC+
PW
_
DC
R134
_
PW
RES
_
10k
C85
LS
HS
_
R149
_
_
R79
_
NTC+
2
_
1
_
_
Q29
U
_
D
R75
0.033uF
LS
W
_
D
NTC+
U
U
_
Q23
_W
5 6 7
HS
DC
1
_
HS
2 3
R123
R110
GATE
_
LS
_
2 3
_
U
_
GATE
_
10k
_
PW
_
_
U
1
D
Q24
GATE
W
Q32
V
PW
1
U
GND
NTC-
V
Q5
DC
_
2.2
Q8
W
U
_
R92
PW
L
W
GATE
GATE
10k
D
D
V
C91
2 3
3
2 3
2 3
2 3
2 3
2 3
2 3
2 3
2 3
3
3
5 6 7
5 6 7
5 6 7
5 6 7
5 6 7
5 6 7
5 6 7
5 6 7
5 6
5 6 7
5
7
5 6 7
7
6
STEVAL-CTM009V1
DB3709 - Rev 2
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com