Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6491
Description  5 kW low voltage high current inverter for industrial motor control applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491 Datasheet(HTML) 3 Page - STMicroelectronics

  L6491 Datasheet HTML 1Page - STMicroelectronics L6491 Datasheet HTML 2Page - STMicroelectronics L6491 Datasheet HTML 3Page - STMicroelectronics L6491 Datasheet HTML 4Page - STMicroelectronics L6491 Datasheet HTML 5Page - STMicroelectronics L6491 Datasheet HTML 6Page - STMicroelectronics L6491 Datasheet HTML 7Page - STMicroelectronics L6491 Datasheet HTML 8Page - STMicroelectronics L6491 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.2
STEVAL-CTM005V1 schematic diagram
Figure 2. STEVAL-CTM005V1 capacitor board schematic
DC_BUS+_V
+
C14
+
C23
TW11
DC_BUS+_U
+
C12
C21
C13
+
+
C27
+
DC_BUS-
C20
C9
+
C18
C10
+
+
PADs for High Current - 200A
C8
C19
+
C16
+
C24
C17
+
C15
+
C11
+
C22
C26
+
+
C7
+
+
+
DC_BUS-_V
TW10
+
DC_BUS+
DC_BUS+_W
C6
+
+
DC_BUS-_W
C25
DC_BUS-_U
1.3
STEVAL-CTM006V1 schematic diagrams
Figure 3. STEVAL-CTM006V1 driver board schematic - main
4
LS_Gate_V_D
CH3_N
Driver Board
CH1_N
24
CON2
10
Enc Z/H3_D
GND_D
NTC+_W
6
1
1803426
1
4
7
21
CH1
POWER_GROUND_D
2
2
LS_Gate_W_D
LS_Source_W_D
2
NTC-_W
Temp.Monitoring
NTC+_W
ADC_U
8
1
CON3
4
HS_Source_W
HS_Source_U_D
HS_Source_W_D
NTC-_V
HS_Source_V_D
3
Temperature_Sensing_D
Enc A/H1_D
POWER_GND
NTC+_U
GND_D
J2
19
14
15
5
5
C4
NTC+_V
47µF
1
HS_Source_W_D
30
LS_Source_U
2
3
ADC_V
34
HS_Gate_U_D
LS_Gate_W
LS_Source_V_D
4
Iph_W
GND_D
GND_D
1
CON4
ADC_W
26
LS_Gate_W_D
6
1
CON1
CON4A
6
HS_Source_V
HS_Source_U_D
9
25
LS_Gate_V_D
1
Multipole Male connector
5
Distreleck 121637
09185346324
4
CH1_N
+Vin_D
+5V_D
+3V3_M
Iph_U
0.1µF
HS_Gate_U
FEMALE CONNECTOR - ON BOTTOM
2
Enc A/H1_D
HS_Gate_W_D
LS_Gate_V
NTC-_V
11
12
13
HS_Source_V_D
HS_Gate_V_D
POWER_GROUND_D
18
20
8
7
1
DC_BUS_MONITOR_D
23
C5
14
Enc B/H2_D
JP1
Vcc_ICS
C3
Iph_V
LS_Gate_U_D
13
HS_Gate_V
10
7
FEMALE CONNECTOR - ON BOTTOM
FEMALE CONNECTOR- ON BOTTOM
FEMALE CONNECTOR- ON BOTTOM
8
C2
Enc B/H2_D
6
GND_D
2
120Ohm@100MHz
CH2_N
10
11
Vcc_ICS
22
0.1µF
2
Enc Z/H3_D
NTC+_ULS_Source_V_D
CH1
+5V_D
Temperature_Sensing_D
12
HS_Gate_V_D
HS_Source_U
6
LS_Source_W_D
NTC-_W
BKIN
DC_Bus_Monitor
2
2
LS_Source_U_D
NTC-_U
DC_BUS_MONITOR_D
7
NTC+_V
33
GND_D
BKIN_D
1
ADC_U
NTC-_U
2
4
LS_Source_V
CH2
6
1
3
LS_Gate_U
28
LS_Gate_U_D
ICS CONNECT
C
O
1
R
5
NTC+_U
NTC+_W
CH3
8
+HV_Battery_D
LS_Source_U_D
NTC-_U
CH3
CH3_N
0.1µF
+3V3_Micro_D
GND_D
7
29
CH2
+3V3_Micro_D
J1
17
1
LS_Source_W
L1
CH2_N
+HV_Battery_D
HS_Gate_W
4
HS_Gate_U_D
5
8
8V to 36V
NTC+_V
0.1µF
2
Driver Board
LS_Source_U_D
31
NTC-_W
9
5
HV_DC_BAT
3
J4
2
1
3
16
LS_Source_W_D
HS_Gate_W_D
GND_D
+5V_D
3
LS_Source_V_D
NTC-_V
ADC_V
ADC_W
+Vin_D
3
32
7
8
9
27
STEVAL-CTM009V1
STEVAL-CTM005V1 schematic diagram
DB3709 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com