Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMMA0ES Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
21 / 91
Table 18. Power up sequence registers
OTP bits
OTP_SWx_SEQ[7:0]/
OTP_PGOOD_SEQ[7:0]/
OTP_RESETBMCU_SEQ[7:0]
Functional bits
SWx_SEQ[7:0]/
PGOOD_SEQ[7:0]/
RESETBMCU_SEQ[7:0]
Sequence slot
Startup time
(µs)
00000000
00000000
Off
Off
00000001
00000001
0
SLOT0
(right after PWRON event is
valid)
00000010
00000010
1
SEQ_TBASE x SLOT1
.
.
.
.
.
.
.
.
.
.
.
.
11111111
11111111
254
SEQ_TBASE x SLOT254
If RESETBMCU is not programmed in the OTP sequence, it will be enabled by default
after the last regulator programmed in the power up sequence.
When the _SEQ[7:0] bits of all regulators and PGOOD used as a GPIO are set to 0x00
(OFF) and a power on event is present, the device moves to the run state in slave mode.
In this mode, the device is enabled without any voltage regulator or GPO enabled. If the
RESETBMCU is not programed in a power up sequence slot, it is released when the
device enters the run state.
The slave mode is a special case of the power up sequence to address the scenario
where the PF5023 is working as a slave PMIC, and supplies are meant to be enabled
by the MCU during the system operation. In this scenario, if RESETBMCU is used, it is
connected to the master RESETBMCU pin.
Figure 8 provides an example of the power up/down sequence coming from the Off
modes.
aaa-032747
System On
End of
PWRUP
End of
PWRDN
Power down Seq.
Run to Off
Power up Seq.
Off to Run
INTB
SW2
SW3
SW1
RESETBMCU
Start of
PWRDN
Figure 8. Power up/down sequence between Off and system On state
When transitioning from Standby mode to Run mode, the power up sequencer is
activated only if any of the external regulators is re-enabled during this transition. If none
of the regulators toggle from Off to On and only voltage changes are being performed
when entering or exiting Standby mode, the changes for the voltage regulators are made
simultaneously rather than going through the power up sequencer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com