Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMMA0ES Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
52 / 91
Table 44. Recommended external components
Symbol
Parameter
Min
Typ
Max
Unit
L
Output inductor
Maximum inductor DC resistance 50 mΩ
Minimum saturation current at full load: 3.0 A
[1]
0.47
1.0
1.5
µH
Cout
Output capacitor
Use 2 × 22 µF, 6.3 V X7T ceramic capacitor to
reduce output capacitance ESR
35
44
53
µF
Cin
Input capacitor
4.7 μF, 10 V X7R ceramic capacitor
4.23
4.7
5.17
µF
[1]
Keep inductor DCR as low as possible to improve regulator efficiency.
15.3 Voltage monitoring
The PF5023 provides OV and UV monitoring capability for the following voltage
regulators:
• SW1, SW2, SW3
A programmable UV threshold is selected via the OTP_SWxUV_TH[1:0]. UV threshold
selection represents a percentage of the nominal voltage programmed on each regulator.
Table 45. UV threshold configuration register
OTP_SWxUV_TH[1:0]
UV threshold level
00
95 %
01
93 %
10
91 %
11
89 %
A programmable OV threshold is selected via the OTP_SWxOV_TH[1:0]. OV threshold
selection represents a percentage of the nominal voltage programmed on each regulator.
Table 46. OV threshold configuration register
OTP_SWxOV_TH
OV threshold level
00
105 %
01
107 %
10
109 %
11
111 %
Two functional bits are provided to program the UV debounce time for the voltage
regulators.
Table 47. UV debounce timer configuration
UV_DB[1:0]
UV debounce time
00
5 µs
01
15 µs
10
30 µs
11
40 µs
The default value of the UV_DB[1:0] upon a full register reset is 0b10.
Two functional bits to program the OV debounce time for all the voltage regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com