Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMMA0ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
6 / 91
Symbol
Parameter
Min
Typ
Max
Unit
VESD
Charge device model
All pins
[1]
—
—
500
V
ILATCHUP
Latch-up current
—
—
100
mA
[1]
ESD testing is performed in accordance with the human body model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the charge device model (CDM),
robotic (CZAP = 4.0 pF).
10 Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TA
Ambient operating temperature
−40
—
125
°C
TJ
Junction temperature
−40
—
150
°C
TST
Storage temperature range
−40
—
150
°C
TPPRT
Peak package reflow temperature
—
—
260
°C
Table 6. QFN40 thermal resistance and package dissipation ratings
Symbol
Parameter
Typ
Unit
RθJA
Junction to Ambient Thermal Resistance
JESD51-7, 2s2p
[1] [2] [3] 32.6
°C/W
RθJA
Junction to Ambient Thermal Resistance
JESD51-7, 2s6p
[1] [2] [4] 26.8
°C/W
ΨJT
Junction to Top of Package Thermal Parameter
JESD51-7, 2s2p
[1] [2] [3] 0.46
°C/W
ΨJT
Junction to Top of Package Thermal Parameter
JESD51-7, 2s6p
[1] [2] [4] 0.39
°C/W
[1]
Determined in accordance to JEDEC JESD51-2A natural convection environment and uniform power.
[2]
Thermal resistance data in this report is solely for a thermal performance comparison of one package to another in a standardized specified environment.
It is not meant to predict the performance of a package in an application-specific environment.
[3]
Thermal test board meets JEDEC specification for this package (JESD51-7, 2s2p). PCB has a 3×3 array of thermal via under the exposed pad.
[4]
2s6p PCB identical to 51-7 but with four additional internal layers at 35 µm thickness.
11 Operating conditions
Table 7. Operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Main input supply voltage
UVDET
—
5.5
V
12 General description
12.1 Features
The PF5023 is a power management integrated circuit (PMIC) designed to be the
primary power management building block for NXP high-end multimedia application
processors from the i.MX 8 and S32V series. It is also capable of providing power
solution to the high end i.MX 6 series as well as several non-NXP processors.
• Buck regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com