Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473IPQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # HCS473IPQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473IPQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button HCS473IPQTP Datasheet HTML 28Page - Microchip Technology HCS473IPQTP Datasheet HTML 29Page - Microchip Technology HCS473IPQTP Datasheet HTML 30Page - Microchip Technology HCS473IPQTP Datasheet HTML 31Page - Microchip Technology HCS473IPQTP Datasheet HTML 32Page - Microchip Technology HCS473IPQTP Datasheet HTML 33Page - Microchip Technology HCS473IPQTP Datasheet HTML 34Page - Microchip Technology HCS473IPQTP Datasheet HTML 35Page - Microchip Technology HCS473IPQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
HCS473
DS40035C-page 30
Preliminary
 2002 Microchip Technology Inc.
3.2.3.7
ANTI-COLLISION OFF
Anticollision is enabled/disabled for a given device by
the ACOL configuration option. The ANTICOLLISION
OFF command may be used to temporarily bypass
anticollision requirements for a single communication
sequence. It allows communication to an anticollision
enabled HCS473 if the VID and TID are not known
(perhaps during a learning sequence).
The command must immediately follow the wake-up
sequence, Figure 3-18. The HCS473 acknowledges
the command receipt, then reacts to all commands
even if the anticollision (ACOL) configuration option is
enabled and a SELECT TRANSPONDER sequence
has not been performed.
The next command must begin T
CMD after the
Acknowledge.
The HCS473 remains in this anticollision off state until
the next time the device returns to SLEEP - communi-
cation error or T
CMD without receiving another com-
mand. Multiple commands may therefore be sent
without sending the ANTICOLLISION OFF command
prior to each command.
FIGURE 3-18:
ANTICOLLISION OFF SEQUENCE (RF RESPONSE EXAMPLE)
3.2.4
LF RESPONSE CONSIDERATIONS
As LF responses are transmitted by the HCS473 plac-
ing a short across the LC antenna inputs, dissipating
the antenna resonance, the transponder reader must
still be sending the 125 kHz field for LF responses to
work. The low frequency field on-time (T
FINH) must
therefore be approriately adjusted to receive an LF
Acknowledge sequence or LF data response, Figure 3-
19 and Figure 3-20.
3.2.5
CONSECUTIVE COMMAND
CONSIDERATIONS
Transponder commands may consecutively follow one
another to minimize communication time as the wake-
up sequence, device selection, anticollision off and
transport code presentation need not be repeated for
every command.
Consideration must be given to how long the transpon-
der reader keeps the LF signal on after the last data
bit’s rising edge (T
FINH) when a command sequence...
• will be followed by another command sequence
• will result in a LF response
The reason is that the HCS473’s analog LF antenna
input circuitry will return to Low-power mode when the
125 kHz field remains absent; requiring a new wake-up
sequence to continue communication.
The HCS473’s analog section will never return to Low-
power mode during any T
CMD window waiting for an LC
input communication edge, so long as the LF signal
existed up to the beginning of the T
CMD window.
Please refer to Figure 3-19 and Figure 3-20 for exam-
ples on adjusting T
FINH for consecutive commands and
LF responses.
3.2.6
LF COMMUNICATION ANALOG
DELAYS
LF communication edge delays result from the
HCS473’s internal analog circuit as well as the external
LC resonant antennas, Figure 3-21.
The rising and falling edge delays inherent to the
HCS473’s internal filtering are known and specified in
Table 7-5, T
FILTR and TFILTF
.
The cumulative rising and falling edge delays inherent
to both the series LC transmitting antenna and parallel
LC receiving antennas are design dependent, not a
HCS473 specification.
CMD
CRC
T
CMD
‘1112’2 bits
T
CMD
Command
CRC
ACK
TFINH
ACOL Off ACK
TAOACK
WAKE ACK
CMD
‘XXX’
Next
Command
TCMD
Inductive In
(LC Pins)
TSF
ACK
RF Response
(DATA Pin)
TCMD
TCMD
5 LFTE
TCMD
Next
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com