Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473IPQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # HCS473IPQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473IPQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button HCS473IPQTP Datasheet HTML 47Page - Microchip Technology HCS473IPQTP Datasheet HTML 48Page - Microchip Technology HCS473IPQTP Datasheet HTML 49Page - Microchip Technology HCS473IPQTP Datasheet HTML 50Page - Microchip Technology HCS473IPQTP Datasheet HTML 51Page - Microchip Technology HCS473IPQTP Datasheet HTML 52Page - Microchip Technology HCS473IPQTP Datasheet HTML 53Page - Microchip Technology HCS473IPQTP Datasheet HTML 54Page - Microchip Technology HCS473IPQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 49
HCS473
7.0
ELECTRICAL CHARACTERISTICS
7.1
Absolute Maximum Ratings
†
Ambient temperature under bias.......................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................... -65°C to +150°C
Voltage on V
DD w/respect to VSS .......................................................................................................... -0.3V to +7.5V
Voltage on LED w/respect to V
SS .............................................................................................................-0.3V to +11V
Voltage on all other pins w/respect to V
SS .......................................................................................-0.3V to VDD+0.3V
Total power dissipation(1) .................................................................................................................................. 500 mW
Maximum current out of V
SS pin ........................................................................................................................ 100 mA
Maximum current into V
DD pin ........................................................................................................................... 100 mA
Input clamp current, I
IK (VI < 0 or VI > VDD) ....................................................................................................... ±20 mA
Output clamp current, I
OK (Vo < 0 or Vo >V
DD).................................................................................................. ±20 mA
Maximum output current sunk by any Output pin................................................................................................. 25 mA
Maximum output current sourced by any Output pin ........................................................................................... 25 mA
Note 1: Power dissipation is calculated as follows: P
DIS=VDD x {IDD - Â IOH} + Â {(VDD-VOH) x IOH} + Â(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com