Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473IPQTP Datasheet(PDF) 38 Page - Microchip Technology

Part # HCS473IPQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473IPQTP Datasheet(HTML) 38 Page - Microchip Technology

Back Button HCS473IPQTP Datasheet HTML 34Page - Microchip Technology HCS473IPQTP Datasheet HTML 35Page - Microchip Technology HCS473IPQTP Datasheet HTML 36Page - Microchip Technology HCS473IPQTP Datasheet HTML 37Page - Microchip Technology HCS473IPQTP Datasheet HTML 38Page - Microchip Technology HCS473IPQTP Datasheet HTML 39Page - Microchip Technology HCS473IPQTP Datasheet HTML 40Page - Microchip Technology HCS473IPQTP Datasheet HTML 41Page - Microchip Technology HCS473IPQTP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
HCS473
DS40035C-page 36
Preliminary
 2002 Microchip Technology Inc.
GSEL
38: ----3 2 --Guard Time Select (1)
Value
Time (ms)
3.1.4.14
002
0.0
012
6.4
102
51.2
112
102.4
RFBSL
38: ------1 0 RF Transmission Baud Rate
Select (1)
Value
TE (µs)
3.1.4.13
002
100
012
200
102
400
112
800
LFDEMOD
39: 7 -------LF Demodulator
0 - Normal
1 - Demod
3.2.1.2
TPLS
39: ----3 ---Transponder Preamble Length
0 - Normal
1 - Short
3.2.1.1
PRD
39: -----2 --Preamble Duty Cycle (1)
0 - 33%
1 - 50%
3.1.4.19
LPRL
39: ------1 -Long Preamble Length (1)
0 - 75ms
1 - 100ms
3.1.4.18
LPRE
39: -------0 Long Preamble Enable
0 - Disable
1 - Enable
3.1.4.17
SKIPACK
3A: 7 -------Skip First ACK
0 - Disable
1 - Enable
3.2.1.8
RFRSP
3A: -6 ------RF Response
0 - Disable
1 - Enable
3.2.1.7
LCRSP
3A: --5 -----LC Response
0 - Disable
1 - Enable
3.2.1.7
DAMP
3A: ---4 ----Intelligent LC Damping
0 - Disable
1 - Enable
3.2.1.6
PXMA
3A: ----3 ---Proximity Activation
0 - Disable
1 - Enable
3.2.1.5
ACOL
3A: -----2 --Anticollision
0 - Disable
1 - Enable
3.2.1.4
LFBSL
3A: ------1 0 LF Transmission Baud Rate
Select (1)
Value
TE (µs)
3.2.1.3
002
100
012
200
102
400
112
800
END
3F
01011010
Unused, always set = 5A
Note 1: All Timing values vary ±10%. Industrial temperature devices operating at cold and 3.5V < V
DD < 5.5V vary
+10%, -20%.
2: Voltage thresholds should be ±250 mV for the low voltage range and ±400 mV for the high voltage range.
TABLE 3-6:
CONFIGURATION SUMMARY
Symbol
Address: Bits
Description(1)
Reference
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com