Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473ISLSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # HCS473ISLSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473ISLSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button HCS473ISLSQTP Datasheet HTML 24Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 25Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 26Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 27Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 28Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 29Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 30Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 31Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
HCS473
DS40035C-page 26
Preliminary
 2002 Microchip Technology Inc.
3.2.3.3
IFF CHALLENGE AND RESPONSE
The HCS473 can perform a 16-bit or 32-bit challenge
and response (IFF) based on the K
EELOQ encryption
algorithm.
The transponder reader follows the 3-bit IFF command
with one of four possible options indicating a 16 or 32-
bit challenge and whether to use the encoder or tran-
sponder crypto key to create the response (Table 3-5).
The 3-bit option is followed by the appropriate 16 or 32-
bit
challenge;
typically
a
random
number.
The
sequence ends with a CRC calculated over the com-
mand, option and challenge bits, (Figure 3-14).
The HCS473 encrypts the challenge using the desig-
nated crypto key and responds with a 32-bit result. The
reader authenticates the response by decrypting it and
verifying it matches the original challenge.
If 16-bit IFF is selected, the 32-bit response consists of
two copies of the 16-bit challenge.
RFRSP determines if the response will be transmitted
on the DATA pin. If enabled, the response will follow the
selected Encoder mode code hopping format with the
hopping code replaced with the 32-bit response. The
transmissions will contain a button code of ‘0000’.
LFRSP determines if the response will be transmitted
on the LC pins. The LC pin response will be the 32-bit
result, modulated PPM format.
If both RFRSP and LFRSP are enabled, the HCS473
will send the response on the DATA pin immediately fol-
lowed by the PPM response on the LC pins. Refer to
Section 3.2.1.7 for further response path details.
The next command must begin T
CMD after the
response.
FIGURE 3-14:
IFF SEQUENCE (RF RESPONSE EXAMPLE)
TSF
ACK
CMD
OPT
CHAL
T
CMD
‘0102’3 bits
16/32
CRC
2 bits
T
IFF
RESPONSE
bits
Option
Command
CRC
TFINH
TIFF
RF Response (RFRSP=1)
16/32-Bit
Challenge
Optional Next
Command
T
CMD
LF must remain on if following
with consecutive command
Wake Sequence
or
Previous Command
Response
Inductive In
(LC Pins)
RF Response
(DATA Pin)
TCMD
TCMD
or if waiting for LF response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com