Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473ISLSQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # HCS473ISLSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473ISLSQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button HCS473ISLSQTP Datasheet HTML 26Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 27Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 28Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 29Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 30Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 31Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 32Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 33Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
HCS473
DS40035C-page 28
Preliminary
 2002 Microchip Technology Inc.
3.2.3.5
WRITE Command
The transponder reader follows the 3-bit WRITE com-
mand with one of eight possible 3-bit address options
indicating which 16-bit EEPROM word to write to
(Table 3-5) and a 2-bit CRC calculated over the com-
mand, address and data bits.
The HCS473 will attempt to write the value into
EEPROM, responding with an Acknowledge sequence
if successful (Figure 3-15).
The following locations are available to write:
• The 64-bit general purpose user EEPROM.
• The 32-bit serial number.
• The16-bit Device Identifiers #1 and #2.
A Transport Code, write access password, protects the
memory locations from undesired modification. The
reader must precede the Write sequence with a suc-
cessful PRESENT TRANSPORT CODE sequence.
Only a correct match with the transport code pro-
grammed during production will allow write access to
the memory locations.
The next command must begin T
CMD after the write
Acknowledge.
The PRESENT TRANSPORT CODE sequence must
precede a WRITE sequence but not necessarily imme-
diately. Perhaps all four user memory locations will be
written and verified. The PRESENT TRANSPORT
CODE sequence must precede only the first write. The
system may then alternately write and read (verify)
multiple
memory
locations.
Write
access
status
remains until the next time the device returns to sleep -
communication error or T
CMD without receiving another
command.
FIGURE 3-16:
WRITE SEQUENCE (RF RESPONSE EXAMPLE)
TCMD
Next
Command
TCMD
Inductive In
(LC Pins)
CMD
ADR
DATA
T
CMD
‘1012’ 3 bits 16 bits
ACK
CRC
2 bits
T
WRT
Address
Command
CRC
TFINH
TWRT
Write ACK
16-Bit
Write Data
Optional Next
Command
T
CMD
TCMD
RF Response
(DATA Pin)
TCMD
LF must remain on if following
with consecutive command
or if waiting for LF response
5 LFTE
Sequence
Previous Command
Sequence
Previous Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com